Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091 Datasheet(PDF) 67 Page - STMicroelectronics

Part # STM32F091
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STM32F091 Datasheet HTML 63Page - STMicroelectronics STM32F091 Datasheet HTML 64Page - STMicroelectronics STM32F091 Datasheet HTML 65Page - STMicroelectronics STM32F091 Datasheet HTML 66Page - STMicroelectronics STM32F091 Datasheet HTML 67Page - STMicroelectronics STM32F091 Datasheet HTML 68Page - STMicroelectronics STM32F091 Datasheet HTML 69Page - STMicroelectronics STM32F091 Datasheet HTML 70Page - STMicroelectronics STM32F091 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 127 page
background image
DocID026284 Rev 3
67/127
STM32F091xB STM32F091xC
Electrical characteristics
99
6.3.6
Wakeup time from low-power mode
The wakeup times given in Table 36 are the latency between the event and the execution of
the first user instruction. The device goes in low-power mode after the WFE (Wait For
Event) instruction, in the case of a WFI (Wait For Interruption) instruction, 16 CPU cycles
must be added to the following timings due to the interrupt latency in the Cortex M0
architecture.
The SYSCLK clock source setting is kept unchanged after wakeup from Sleep mode.
During wakeup from Stop or Standby mode, SYSCLK takes the default setting: HSI 8 MHz.
The wakeup source from Sleep and Stop mode is an EXTI line configured in event mode.
The wakeup source from Standby mode is the WKUP1 pin (PA0).
All timings are derived from tests performed under the ambient temperature and supply
voltage conditions summarized in Table 24: General operating conditions.
6.3.7
External clock source characteristics
High-speed external user clock generated from an external source
In bypass mode the HSE oscillator is switched off and the input pin is a standard GPIO.
The external clock signal has to respect the I/O characteristics in Section 6.3.14. However,
the recommended clock input waveform is shown in Figure 15: High-speed external clock
source AC timing diagram.
Table 36. Low-power mode wakeup timings
Symbol
Parameter
Conditions
Typ @VDD = VDDA
Max Unit
= 2.0 V = 2.4 V = 2.7 V
= 3 V
= 3.3 V
tWUSTOP
Wakeup from Stop
mode
Regulator in run
mode
3.23.1
2.92.9
2.8
5
µs
Regulator in low
power mode
7.05.8
5.24.9
4.6
9
tWUSTANDBY
Wakeup from
Standby mode
-
60.4
55.6
53.5
52
51
-
tWUSLEEP
Wakeup from Sleep
mode
-
4 SYSCLK cycles
-
Table 37. High-speed external user clock characteristics
Symbol
Parameter(1)
Min
Typ
Max
Unit
fHSE_ext User external clock source frequency
-
8
32
MHz
VHSEH
OSC_IN input pin high level voltage
0.7 VDDIOx
-VDDIOx
V
VHSEL
OSC_IN input pin low level voltage
VSS
-
0.3 VDDIOx
tw(HSEH)
tw(HSEL)
OSC_IN high or low time
15
-
-
ns
tr(HSE)
tf(HSE)
OSC_IN rise or fall time
-
-
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com