Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091 Datasheet(PDF) 125 Page - STMicroelectronics

Part # STM32F091
Description  ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button STM32F091 Datasheet HTML 119Page - STMicroelectronics STM32F091 Datasheet HTML 120Page - STMicroelectronics STM32F091 Datasheet HTML 121Page - STMicroelectronics STM32F091 Datasheet HTML 122Page - STMicroelectronics STM32F091 Datasheet HTML 123Page - STMicroelectronics STM32F091 Datasheet HTML 124Page - STMicroelectronics STM32F091 Datasheet HTML 125Page - STMicroelectronics STM32F091 Datasheet HTML 126Page - STMicroelectronics STM32F091 Datasheet HTML 127Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 125 / 127 page
background image
DocID026284 Rev 3
125/127
STM32F091xB STM32F091xC
Revision history
126
9
Revision history
Table 82. Document revision history
Date
Revision
Changes
30-Oct-2014
1
Initial release.
09-Feb-2015
2
Updated:
– Table: HSI oscillator characteristics,
– Figure : HSI oscillator accuracy characterization
results for soldered parts,
– Figure: WLCSP64 wafer level chip size package
mechanical drawing,
– Table: WLCSP64 - 64-pin, 3.347 x 3.585 mm, 0.4 mm
pitch wafer level chip scale package mechanical data,.
Added:
– Figure: WLCSP64 - 64-pin, 3.347 x 3.585 mm,
0.4 mm pitch wafer level chip scale recommended
footprint.
17-Dec-2015
3
Section 2: Description:
– Table 2: STM32F091xB/xC family device features and
peripheral counts- I/O and capacitive channel
numbers corrected
Section 3: Functional overview:
– updated Figure 1: Block diagram (number of AF) and
Figure 2: Clock tree
– Section 3.5.4: Low-power modes - added info. on
comm. peripherals configurable to operate with HSI
– Section 3.13: Touch sensing controller (TSC) -
number of channels corrected
– added number of complementary outputs for the
general purpose and for the advance control timers in
Table 7: Timer feature comparison
– Table 9: STM32F091xB/xC I2C implementation -
added 20mA value to Fast Mode Plus output drive
Section 4: Pinouts and pin descriptions:
– Package pinout figures updated (look and feel)
– Figure 7: WLCSP64 package pinout - now presented
in top view
– Table 13: STM32F091xB/xC pin definitions - MCO
moved from additional to alternate functions column
– Table 19: Alternate functions selected through
GPIOF_AFR registers for port F- lines PF4 and PF5
removed
– Section 5: Memory mapping:
– added information on STM32F091xB difference
versus STM32F091xC map in Figure 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com