Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446MC Datasheet(PDF) 75 Page - STMicroelectronics

Part # STM32F446MC
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446MC Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STM32F446MC Datasheet HTML 71Page - STMicroelectronics STM32F446MC Datasheet HTML 72Page - STMicroelectronics STM32F446MC Datasheet HTML 73Page - STMicroelectronics STM32F446MC Datasheet HTML 74Page - STMicroelectronics STM32F446MC Datasheet HTML 75Page - STMicroelectronics STM32F446MC Datasheet HTML 76Page - STMicroelectronics STM32F446MC Datasheet HTML 77Page - STMicroelectronics STM32F446MC Datasheet HTML 78Page - STMicroelectronics STM32F446MC Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 202 page
background image
DocID027107 Rev 6
75/202
STM32F446xC/E
Electrical characteristics
175
Table 14. Current characteristics
Symbol
Ratings
Max.
Unit
ΣIVDD
Total current into sum of all VDD power lines (source)(1)
240
mA
Σ IVSS
Total current out of sum of all VSS ground lines (sink)(1)
- 240
Σ IVDDUSB
Total current into VDDUSB power line (source)
25
IVDD
Maximum current into each VDD power pin (source)(1)
100
IVSS
Maximum current out of each VSS ground pin (sink)(1)
- 100
IIO
Output current sunk by any I/O and control pin
25
Output current sourced by any I/Os and control pin
- 25
ΣIIO
Total output current sunk by sum of all I/Os and control pins (2)
120
Total output current sunk by sum of all USB I/Os
25
Total output current sourced by sum of all I/Os and control pins(2)
-120
IINJ(PIN)
Injected current on FT, FTf, RST and B pins
–5/+0(3)
Injected current on TTa pins
±5(4)
ΣIINJ(PIN)
Total injected current (sum of all I/O and control pins)(5)
±25
1. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power supply, in the
permitted range.
2. This current consumption must be correctly distributed over all I/Os and control pins. The total output current must not be
sunk/sourced between two consecutive power supply pins referring to high pin count LQFP packages.
3. Positive injection is not possible on these I/Os and does not occur for input voltages lower than the specified
maximum value.
4. A positive injection is induced by VIN>VDDA while a negative injection is induced by VIN<VSS. IINJ(PIN) must
never be exceeded. Refer to Table 13 for the maximum allowed input voltage value.
5. When several inputs are submitted to a current injection, the maximum
ΣIINJ(PIN) is the absolute sum of the positive and
negative injected currents (instantaneous values).
Table 15. Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
–65 to +150
°C
TJ
Maximum junction temperature
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com