Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446MC Datasheet(PDF) 89 Page - STMicroelectronics

Part # STM32F446MC
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446MC Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STM32F446MC Datasheet HTML 85Page - STMicroelectronics STM32F446MC Datasheet HTML 86Page - STMicroelectronics STM32F446MC Datasheet HTML 87Page - STMicroelectronics STM32F446MC Datasheet HTML 88Page - STMicroelectronics STM32F446MC Datasheet HTML 89Page - STMicroelectronics STM32F446MC Datasheet HTML 90Page - STMicroelectronics STM32F446MC Datasheet HTML 91Page - STMicroelectronics STM32F446MC Datasheet HTML 92Page - STMicroelectronics STM32F446MC Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 202 page
background image
DocID027107 Rev 6
89/202
STM32F446xC/E
Electrical characteristics
175
Table 27. Typical and maximum current consumptions in Stop mode
Symbol
Parameter
Conditions
Typ
Max
Unit
VDD = 3.6 V
TA =
25 °C
TA =
25 °C(1)
TA =
85 °C
TA =
105 °C(1)
IDD_STOP_NM
(normal
mode)
Supply current in
Stop mode with
voltage regulator in
main regulator mode
Flash memory in Stop mode, all
oscillators OFF, no independent
watchdog
0.234
1.2
10
16
mA
Flash memory in Deep power
down mode, all oscillators OFF,
no independent watchdog
0.205
1
9.5
15
Supply current in
Stop mode with
voltage regulator in
Low Power regulator
mode
Flash memory in Stop mode, all
oscillators OFF, no independent
watchdog
0.15
0.95
8.5
14
Flash memory in Deep power
down mode, all oscillators OFF,
no independent watchdog
0.121
0.9
6
12
IDD_STOP_UD
M(under-
drive mode)
Supply current in
Stop mode with
voltage regulator in
main regulator and
under-drive mode
Flash memory in Deep power
down mode, main regulator in
under-drive mode, all oscillators
OFF, no independent watchdog
0.119
0.4
3
5
Supply current in
Stop mode with
voltage regulator in
Low Power regulator
and under-drive
mode
Flash memory in Deep power
down mode, Low Power
regulator in under-drive mode,
all oscillators OFF, no
independent watchdog
0.055
0.35
3
5
1. Data based on characterization, tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com