Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446MC Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32F446MC
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446MC Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32F446MC Datasheet HTML 8Page - STMicroelectronics STM32F446MC Datasheet HTML 9Page - STMicroelectronics STM32F446MC Datasheet HTML 10Page - STMicroelectronics STM32F446MC Datasheet HTML 11Page - STMicroelectronics STM32F446MC Datasheet HTML 12Page - STMicroelectronics STM32F446MC Datasheet HTML 13Page - STMicroelectronics STM32F446MC Datasheet HTML 14Page - STMicroelectronics STM32F446MC Datasheet HTML 15Page - STMicroelectronics STM32F446MC Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 202 page
background image
Description
STM32F446xC/E
12/202
DocID027107 Rev 6
2
Description
The STM32F446xC/E devices are based on the high-performance ARM® Cortex®-M4 32-bit
RISC core operating at a frequency of up to 180 MHz. The Cortex-M4 core features a
Floating point unit (FPU) single precision which supports all ARM® single-precision data-
processing instructions and data types. It also implements a full set of DSP instructions and
a memory protection unit (MPU) which enhances application security.
The STM32F446xC/E devices incorporate high-speed embedded memories (Flash memory
up to 512 Kbyte, up to 128 Kbyte of SRAM), up to 4 Kbytes of backup SRAM, and an
extensive range of enhanced I/Os and peripherals connected to two APB buses, two AHB
buses and a 32-bit multi-AHB bus matrix.
All devices offer three 12-bit ADCs, two DACs, a low-power RTC, twelve general-purpose
16-bit timers including two PWM timers for motor control, two general-purpose 32-bit timers.
They also feature standard and advanced communication interfaces.
•
Up to four I2Cs;
•
Four SPIs, three I2Ss full simplex. To achieve audio class accuracy, the I2S peripherals
can be clocked via a dedicated internal audio PLL or via an external clock to allow
synchronization;
•
Four USARTs plus two UARTs;
•
An USB OTG full-speed and an USB OTG high-speed with full-speed capability (with
the ULPI), both with dedicated power rails allowing to use them throughout the entire
power range;
•
Two CANs;
•
Two SAIs serial audio interfaces. To achieve audio class accuracy, the SAIs can be
clocked via a dedicated internal audio PLL;
•
An SDIO/MMC interface;
•
Camera interface;
•
HDMI-CEC;
•
SPDIF Receiver (SPDIFRx);
•
QuadSPI.
Advanced peripherals include an SDIO, a flexible memory control (FMC) interface, a
camera interface for CMOS sensors. Refer to Table 2: STM32F446xC/E features and
peripheral counts for the list of peripherals available on each part number.
The STM32F446xC/E devices operates in the –40 to +105 °C temperature range from a 1.7
to 3.6 V power supply.
The supply voltage can drop to 1.7 V with the use of an external power supply supervisor
(refer to Section 3.16.2: Internal reset OFF). A comprehensive set of power-saving mode
allows the design of low-power applications.
The STM32F446xC/E devices offer devices in 6 packages ranging from 64 pins to 144 pins.
The set of included peripherals changes with the device chosen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com