Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446MC Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM32F446MC
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446MC Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32F446MC Datasheet HTML 97Page - STMicroelectronics STM32F446MC Datasheet HTML 98Page - STMicroelectronics STM32F446MC Datasheet HTML 99Page - STMicroelectronics STM32F446MC Datasheet HTML 100Page - STMicroelectronics STM32F446MC Datasheet HTML 101Page - STMicroelectronics STM32F446MC Datasheet HTML 102Page - STMicroelectronics STM32F446MC Datasheet HTML 103Page - STMicroelectronics STM32F446MC Datasheet HTML 104Page - STMicroelectronics STM32F446MC Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 202 page
background image
DocID027107 Rev 6
101/202
STM32F446xC/E
Electrical characteristics
175
6.3.8
Wakeup time from low-power modes
The wakeup times given in Table 36 are measured starting from the wakeup event trigger up
to the first instruction executed by the CPU:
•
For Stop or Sleep modes: the wakeup event is WFE.
•
WKUP (PA0) pin is used to wakeup from Standby, Stop and Sleep modes.
All timings are derived from tests performed under ambient temperature and VDD=3.3 V.
APB2
TIM1
17.51
16.28
14.43
µA/MHz
TIM8
18.40
17.10
15.22
USART1
4.53
4.21
3.72
USART6
4.53
4.21
3.72
ADC1
4.69
4.35
3.85
ADC2
4.70
4.35
3.87
ADC3
4.66
4.31
3.82
SDIO
9.06
8.38
7.47
SPI1
1.97
1.89
1.67
SPI4
1.88
1.75
1.57
SYSCFG
1.51
1.40
1.23
TIM9
8.17
7.64
6.77
TIM10
5.07
4.75
4.22
TIM11
5.37
5.06
4.50
SAI1
3.89
3.64
3.17
SAI2
3.74
3.49
3.10
Bus Matrix
8.15
8.10
7.13
1. N = Number of strean enable (1..8)
2. To enable an I2S peripheral, first set the I2SMOD bit and then the I2SE bit in the SPI_I2SCFGR register.
Table 35. Peripheral current consumption (continued)
Peripheral
IDD(Typ Appli)
Unit
Scale 1 +
OverDrive
Scale 2
Scale 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com