Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446MC Datasheet(PDF) 116 Page - STMicroelectronics

Part # STM32F446MC
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446MC Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM32F446MC Datasheet HTML 112Page - STMicroelectronics STM32F446MC Datasheet HTML 113Page - STMicroelectronics STM32F446MC Datasheet HTML 114Page - STMicroelectronics STM32F446MC Datasheet HTML 115Page - STMicroelectronics STM32F446MC Datasheet HTML 116Page - STMicroelectronics STM32F446MC Datasheet HTML 117Page - STMicroelectronics STM32F446MC Datasheet HTML 118Page - STMicroelectronics STM32F446MC Datasheet HTML 119Page - STMicroelectronics STM32F446MC Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 202 page
background image
Electrical characteristics
STM32F446xC/E
116/202
DocID027107 Rev 6
6.3.15
Absolute maximum ratings (electrical sensitivity)
Based on three different tests (ESD, LU) using specific measurement methods, the device is
stressed in order to determine its performance in terms of electrical sensitivity.
Electrostatic discharge (ESD)
Electrostatic discharges (a positive then a negative pulse separated by 1 second) are
applied to the pins of each sample according to each pin combination. The sample size
depends on the number of supply pins in the device (3 parts × (n+1) supply pins). This test
conforms to the ANSI/JEDEC standard.
Static latchup
Two complementary static tests are required on six parts to assess the latchup
performance:
•
A supply overvoltage is applied to each power supply pin
•
A current injection is applied to each input, output and configurable I/O pin
Table 52. EMI characteristics
Symbol
Parameter
Conditions
Monitored
frequency band
Max vs.
[fHSE/fCPU]
Unit
8/180 MHz
SEMI
Peak level
VDD = 3.3 V, TA = 25 °C, LQFP144
package, conforming to SAE J1752/3
EEMBC, ART ON, all peripheral clocks
enabled, clock dithering disabled.
0.1 to 30 MHz
11
dBµV
30 to 130 MHz
10
130 MHz to 1GHz
11
SAE EMI Level
3
-
VDD = 3.3 V, TA = 25 °C, LQFP144
package, conforming to SAE J1752/3
EEMBC, ART ON, all peripheral clocks
enabled, clock dithering enabled
0.1 to 30 MHz
24
dBµV
30 to 130 MHz
25
130 MHz to 1GHz
20
SAE EMI level
4
-
Table 53. ESD absolute maximum ratings
Symbol
Ratings
Conditions
Class
Maximum
value(1)
Unit
VESD(HBM)
Electrostatic
discharge voltage
(human body model)
TA = + 25 °C conforming to ANSI/JEDEC JS-001
2
2000
V
VESD(CDM)
Electrostatic
discharge voltage
(charge device model)
TA = + 25 °C conforming to ANSI/ESD STM5.3.1,
LQFP64, LQFP100, WLCSP81 packages
C4
500
TA = + 25 °C conforming to ANSI/ESD STM5.3.1,
LQFP144, UFBGA144 (7 x 7), UFBGA144 (10 x 10)
packages
C3
250
1. Guaranteed based on test during characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com