Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446MC Datasheet(PDF) 129 Page - STMicroelectronics

Part # STM32F446MC
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446MC Datasheet(HTML) 129 Page - STMicroelectronics

Back Button STM32F446MC Datasheet HTML 125Page - STMicroelectronics STM32F446MC Datasheet HTML 126Page - STMicroelectronics STM32F446MC Datasheet HTML 127Page - STMicroelectronics STM32F446MC Datasheet HTML 128Page - STMicroelectronics STM32F446MC Datasheet HTML 129Page - STMicroelectronics STM32F446MC Datasheet HTML 130Page - STMicroelectronics STM32F446MC Datasheet HTML 131Page - STMicroelectronics STM32F446MC Datasheet HTML 132Page - STMicroelectronics STM32F446MC Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 202 page
background image
DocID027107 Rev 6
129/202
STM32F446xC/E
Electrical characteristics
175
SPI interface characteristics
Unless otherwise specified, the parameters given in Table 63 for SPI are derived from tests
performed under the ambient temperature, fPCLKx frequency and VDD supply voltage
conditions summarized in Table 16, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C=30pF
•
Measurement points are done at CMOS levels: 0.5VDD
Refer to Section 6.3.17: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, SCK, MOSI, MISO for SPI).
Table 63. SPI dynamic characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master full duplex/receiver mode,
2.7 V≤VDD≤3.6 V
SPI1/4
--
45
MHz
Master transmitter
1.71V <VDD< 3.6V
SPI1/4
45
Master
1.71V <VDD< 3.6V
SPI1/2/3/4
22.5
Slave transmitter/
full duplex mode
SPI1/4
2.7V <VDD< 3.6V
45
Slave receiver mode
SPI1/4
1.71V <VDD< 3.6V
45
Slave mode
SPI1/2/3/4
1.71V <VDD< 3.6V
22.5(2)
Duty(SCK)
Duty cycle of SPI clock
frequency
Slave mode
30
50
70
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com