Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446MC Datasheet(PDF) 140 Page - STMicroelectronics

Part # STM32F446MC
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446MC Datasheet(HTML) 140 Page - STMicroelectronics

Back Button STM32F446MC Datasheet HTML 136Page - STMicroelectronics STM32F446MC Datasheet HTML 137Page - STMicroelectronics STM32F446MC Datasheet HTML 138Page - STMicroelectronics STM32F446MC Datasheet HTML 139Page - STMicroelectronics STM32F446MC Datasheet HTML 140Page - STMicroelectronics STM32F446MC Datasheet HTML 141Page - STMicroelectronics STM32F446MC Datasheet HTML 142Page - STMicroelectronics STM32F446MC Datasheet HTML 143Page - STMicroelectronics STM32F446MC Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 202 page
background image
Electrical characteristics
STM32F446xC/E
140/202
DocID027107 Rev 6
Figure 44. ULPI timing diagram
CAN (controller area network) interface
Refer to Section 6.3.17: I/O port characteristics for more details on the input/output alternate
function characteristics (CANx_TX and CANx_RX).
tSTART_DEV
Clock startup time after the
de-assertion of SuspendM
Peripheral
-
-
5.6
ms
tSTART_HOST
Host
-
-
-
tPREP
PHY preparation time after the first transition
of the input clock
--
-
µs
1. Guaranteed by design.
Table 72. USB HS clock timing parameters(1) (continued)
Symbol
Parameter
Min
Typ
Max
Unit
Table 73. Dynamic characteristics: USB ULPI(1)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
tSC
Control in (ULPI_DIR, ULPI_NXT) setup time
-
1
-
-
ns
tHC
Control in (ULPI_DIR, ULPI_NXT) hold time
-
1.5
-
-
tSD
Data in setup time
-
1.5
-
-
tHD
Data in hold time
-
1.5
-
-
tDC/tDD Data/control output delay
2.7 V < VDD < 3.6 V,
CL = 20 pF
-6
8.5
1.71 V < VDD < 3.6 V,
CL = 15 pF
-6
11.5
1. Guaranteed based on test during characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com