Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F446MC Datasheet(PDF) 172 Page - STMicroelectronics

Part # STM32F446MC
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446MC Datasheet(HTML) 172 Page - STMicroelectronics

Back Button STM32F446MC Datasheet HTML 168Page - STMicroelectronics STM32F446MC Datasheet HTML 169Page - STMicroelectronics STM32F446MC Datasheet HTML 170Page - STMicroelectronics STM32F446MC Datasheet HTML 171Page - STMicroelectronics STM32F446MC Datasheet HTML 172Page - STMicroelectronics STM32F446MC Datasheet HTML 173Page - STMicroelectronics STM32F446MC Datasheet HTML 174Page - STMicroelectronics STM32F446MC Datasheet HTML 175Page - STMicroelectronics STM32F446MC Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 202 page
background image
Electrical characteristics
STM32F446xC/E
172/202
DocID027107 Rev 6
6.3.27
Camera interface (DCMI) timing specifications
Unless otherwise specified, the parameters given in Table 104 for DCMI are derived
from tests performed under the ambient temperature, fHCLK frequency and VDD supply
voltage summarized in Table 16, with the following configuration:
•
DCMI_PIXCLK polarity: falling
•
DCMI_VSYNC and DCMI_HSYNC polarity: high
•
Data formats: 14 bits
Table 103. LPSDR SDRAM write timings(1)(2)
1. CL = 10 pF.
2. Guaranteed based on test during characterization.
Symbol
Parameter
Min
Max
Unit
F(SDCLK)
Frequency of operation
-
84
MHz
tw(SDCLK)
FMC_SDCLK period
2THCLK - 0.5
2THCLK + 0.5
ns
td(SDCLKL _Data)
Data output valid time
-
5
th(SDCLKL _Data)
Data output hold time
0.5
-
td(SDCLK _Add)
Address valid time
-
3
td(SDCLKL _SDNWE)) SDNWE valid time
-
3
th(SDCLKL_SDNWE)) SDNWE hold time
0
-
td(SDCLKL_SDNE))
Chip select valid time
-
2.5
th(SDCLKL_ SDNE)
Chip select hold time
0
-
td(SDCLKL_SDNRAS) SDNRAS valid time
-
2
th(SDCLKL_SDNRAS) SDNRAS hold time
0
-
td(SDCLKL_SDNCAS) SDNCAS valid time
-
2
td(SDCLKL_SDNCAS) SDNCAS hold time
0
-
Table 104. DCMI characteristics
Symbol
Parameter
Min
Max
Unit
-
Frequency ratio DCMI_PIXCLK/fHCLK
-0.4
-
DCMI_PIXCLK Pixel clock input
-
54
MHz
DPixel
Pixel clock input duty cycle
30
70
%
tsu(DATA)
Data input setup time
1
-
ns
th(DATA)
Data input hold time
3.5
-
tsu(HSYNC)
tsu(VSYNC)
DCMI_HSYNC/DCMI_VSYNC input setup time
2
-
th(HSYNC)
th(VSYNC)
DCMI_HSYNC/DCMI_VSYNC input hold time
0
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com