Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F469AE Datasheet(PDF) 152 Page - STMicroelectronics

Part # STM32F469AE
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469AE Datasheet(HTML) 152 Page - STMicroelectronics

Back Button STM32F469AE Datasheet HTML 148Page - STMicroelectronics STM32F469AE Datasheet HTML 149Page - STMicroelectronics STM32F469AE Datasheet HTML 150Page - STMicroelectronics STM32F469AE Datasheet HTML 151Page - STMicroelectronics STM32F469AE Datasheet HTML 152Page - STMicroelectronics STM32F469AE Datasheet HTML 153Page - STMicroelectronics STM32F469AE Datasheet HTML 154Page - STMicroelectronics STM32F469AE Datasheet HTML 155Page - STMicroelectronics STM32F469AE Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 217 page
background image
Electrical characteristics
STM32F469xx
152/217
DocID028196 Rev 3
Ethernet characteristics
Unless otherwise specified, the parameters given in Table 73, Table 74 and Table 75 for
SMI, RMII and MII are derived from tests performed under the ambient temperature, fHCLK
frequency and VDD supply voltage conditions summarized in Table 17, with the following
configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5 VDD.
Refer to Section 5.3.20 for more details on the input/output characteristics.
Table 73 gives the list of Ethernet MAC signals for the SMI (station management interface)
and Figure 51 shows the corresponding timing diagram.
Figure 51. Ethernet SMI timing diagram
Table 72. Dynamic characteristics: USB ULPI(1)
1. Guaranteed based on test during characterization.
Symbol
Parameter
Conditions
Min.
Typ.
Max. Unit
tSC
Control in (ULPI_DIR, ULPI_NXT)
setup time
-2.0
-
-
ns
tHC
Control in (ULPI_DIR, ULPI_NXT)
hold time
-1.5
-
-
tSD
Data in setup time
-
1.0
-
-
tHD
Data in hold time
-
1.0
-
-
tDC/tDD Data/control output delay
2.7 V < VDD < 3.6 V,
CL = 20 pF
-7.5
9.0
2.7 V < VDD < 3.6 V,
CL = 15 pF and
-40 < T < 125°C
-
7.5
12.0
1.7 V < VDD < 3.6 V,
CL = 15 pF and
-40 < T < 90°C
-7.5
11.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com