Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F469AE Datasheet(PDF) 156 Page - STMicroelectronics

Part # STM32F469AE
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469AE Datasheet(HTML) 156 Page - STMicroelectronics

Back Button STM32F469AE Datasheet HTML 152Page - STMicroelectronics STM32F469AE Datasheet HTML 153Page - STMicroelectronics STM32F469AE Datasheet HTML 154Page - STMicroelectronics STM32F469AE Datasheet HTML 155Page - STMicroelectronics STM32F469AE Datasheet HTML 156Page - STMicroelectronics STM32F469AE Datasheet HTML 157Page - STMicroelectronics STM32F469AE Datasheet HTML 158Page - STMicroelectronics STM32F469AE Datasheet HTML 159Page - STMicroelectronics STM32F469AE Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 217 page
background image
Electrical characteristics
STM32F469xx
156/217
DocID028196 Rev 3
Equation 1: RAIN max formula
The formula above (Equation 1) is used to determine the maximum external impedance
allowed for an error below 1/4 of LSB. N = 12 (from 12-bit resolution) and k is the number of
sampling periods defined in the ADC_SMPR1 register.
tCONV(2)
Total conversion time
(including sampling time)
fADC = 30 MHz
12-bit resolution
0.50
-
16.40
µs
fADC = 30 MHz
10-bit resolution
0.43
-
16.34
fADC = 30 MHz
8-bit resolution
0.37
-
16.27
fADC = 30 MHz
6-bit resolution
0.30
-
16.20
9 to 492
(tS for sampling +n-bit resolution for successive approximation)
1/fADC
fS(2)
Sampling rate
(fADC = 30 MHz, and
tS = 3 ADC cycles)
12-bit resolution
Single ADC
--
2
Msps
12-bit resolution
Interleave Dual ADC
mode
--
3.75
12-bit resolution
Interleave Triple ADC
mode
--
6
IVREF+(2)
ADC VREF
DC current consumption in
conversion mode
-
-
300
500
µA
IVDDA(2)
ADC VDDA
DC current consumption in
conversion mode
--
1.6
1.8
mA
1. VDDA minimum value of 1.7 V is obtained with the use of an external power supply supervisor (refer to Section 2.19.2).
2. Based on test during characterization.
3. VREF+ is internally connected to VDDA and VREF- is internally connected to VSSA.
4. RADC maximum value is given for VDD=1.7 V, and minimum value for VDD=3.3 V.
5. For external triggers, a delay of 1/fPCLK2 must be added to the latency specified in Table 76.
Table 76. ADC characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RAIN
k0.5
–
()
fADC
CADC
2
N
2
+
()
ln
×
×
---------------------------------------------------------------- R
ADC
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com