Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F756ZG Datasheet(PDF) 110 Page - STMicroelectronics

Part # STM32F756ZG
Description  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, crypto, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F756ZG Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STM32F756ZG Datasheet HTML 106Page - STMicroelectronics STM32F756ZG Datasheet HTML 107Page - STMicroelectronics STM32F756ZG Datasheet HTML 108Page - STMicroelectronics STM32F756ZG Datasheet HTML 109Page - STMicroelectronics STM32F756ZG Datasheet HTML 110Page - STMicroelectronics STM32F756ZG Datasheet HTML 111Page - STMicroelectronics STM32F756ZG Datasheet HTML 112Page - STMicroelectronics STM32F756ZG Datasheet HTML 113Page - STMicroelectronics STM32F756ZG Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 228 page
background image
Electrical characteristics
STM32F756xx
110/228
DocID027589 Rev 4
Table 29. Typical and maximum current consumption in Sleep mode, regulator ON
Symbol
Parameter
Conditions fHCLK (MHz)
Typ
Max(1)
Unit
TA = 25 °C TA = 85 °C TA = 105 °C
IDD
Supply
current in
Sleep mode
All
peripherals
enabled(2)
216
116
137(3)
159(3)
-
mA
200
108
127
147
166
180
95
112(3)
126(3)
140(3)
168
85
99
112
125
144
65
76
87
98
60
30
35
46
57
25
15
18
29
39
All
peripherals
disabled
216
35
46(3)
71(3)
-
200
32
43
66
86
180
28
38(3)
53(3)
70(3)
168
25
33
47
61
144
20
26
37
50
60
10
14
26
36
25
5
8
20
31
1. Guaranteed by characterization results.
2. When analog peripheral blocks such as ADCs, DACs, HSE, LSE, HSI, or LSI are ON, an additional power consumption
should be considered.
3. Guaranteed by test in production.
Table 30. Typical and maximum current consumption in Sleep mode, regulator OFF
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max(1)
Unit
TA= 25 °C
TA= 85 °C
TA= 105 °C
IDD12 IDD IDD12
IDD IDD12
IDD
IDD12
IDD
IDD12/
IDD
Supply
current in
RUN mode
from V12
and VDD
supply
All
Peripherals
Enabled(2)
180
94
1
110
2
125
2
138
2
mA
168
83
1
96
2
111
2
123
2
144
64
1
74
2
85
2
96
2
60
29
1
34
2
44
2
55
2
25
14
1
16
2
27
2
37
2
All
Peripherals
Disabled
180
27
1
36
2
51
2
68
2
168
24
1
31
2
45
2
59
2
144
18
1
24
2
35
2
48
2
60
9
1
12
2
24
2
34
2
25
4
1
6
2
18
2
29
2
1. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com