Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F756ZG Datasheet(PDF) 113 Page - STMicroelectronics

Part # STM32F756ZG
Description  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, crypto, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F756ZG Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STM32F756ZG Datasheet HTML 109Page - STMicroelectronics STM32F756ZG Datasheet HTML 110Page - STMicroelectronics STM32F756ZG Datasheet HTML 111Page - STMicroelectronics STM32F756ZG Datasheet HTML 112Page - STMicroelectronics STM32F756ZG Datasheet HTML 113Page - STMicroelectronics STM32F756ZG Datasheet HTML 114Page - STMicroelectronics STM32F756ZG Datasheet HTML 115Page - STMicroelectronics STM32F756ZG Datasheet HTML 116Page - STMicroelectronics STM32F756ZG Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 228 page
background image
DocID027589 Rev 4
113/228
STM32F756xx
Electrical characteristics
196
Table 33. Typical and maximum current consumptions in VBAT mode
Symbol
Parameter
Conditions(1)
Typ
Max(2)
Unit
TA =25 °C
TA =85 °C TA =105 °C
VBAT =
1.7 V
VBAT=
2.4 V
VBAT=
3.3 V
VBAT = 3.6 V
IDD_VBAT
Supply current
in VBAT mode
Backup SRAM OFF, RTC and
LSE OFF
0.03
0.03
0.04
0.2
0.4
µA
Backup SRAM ON, RTC and
LSE OFF
0.74
0.75
0.78
3.0
7.0
Backup SRAM OFF, RTC ON
and LSE in low drive mode
0.40
0.52
0.72
2.8
6.5
Backup SRAM OFF, RTC ON
and LSE in medium low drive
mode
0.40
0.52
0.72
2.8
6.5
Backup SRAM OFF, RTC ON
and LSE in medium high drive
mode
0.54
0.64
0.85
3.3
7.6
Backup SRAM OFF, RTC ON
and LSE in high drive mode
0.62
0.73
0.94
3.6
8.4
Backup SRAM ON, RTC ON and
LSE in low drive mode
1.06
1.18
1.41
5.4
12.7
Backup SRAM ON, RTC ON and
LSE in Medium low drive mode
1.16
1.28
1.51
5.8
13.6
Backup SRAM ON, RTC ON and
LSE in Medium high drive mode
1.18
1.3
1.54
5.9
13.8
Backup SRAM ON, RTC ON and
LSE in High drive mode
1.36
1.48
1.73
6.7
15.5
1. Crystal used: Abracon ABS07-120-32.768 kHz-T with a CL of 6 pF for typical values.
2. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com