Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L072V8 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32L072V8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072V8 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32L072V8 Datasheet HTML 59Page - STMicroelectronics STM32L072V8 Datasheet HTML 60Page - STMicroelectronics STM32L072V8 Datasheet HTML 61Page - STMicroelectronics STM32L072V8 Datasheet HTML 62Page - STMicroelectronics STM32L072V8 Datasheet HTML 63Page - STMicroelectronics STM32L072V8 Datasheet HTML 64Page - STMicroelectronics STM32L072V8 Datasheet HTML 65Page - STMicroelectronics STM32L072V8 Datasheet HTML 66Page - STMicroelectronics STM32L072V8 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 147 page
background image
DocID027100 Rev 3
63/147
STM32L072xx
Electrical characteristics
117
PD
Power dissipation at TA = 85 °C (range 6)
or TA =105 °C (rage 7) (4)
UFBGA100 package
-
351
mW
LQFP100 package
-
488
UFBG64 package
-
308
TFBGA64 package
-
313
LQFP64 package
-
435
WLCSP49 package
-
417
LQFP48 package
-
370
UFQFPN32 package
-
556
LQFP32 package
-
333
Power dissipation at TA = 125 °C (range
3) (4)
UFBGA100 package
-
88
LQFP100 package
-
122
UFBG64 package
-
77
TFBGA64 package
-
78
LQFP64 package
-
109
WLCSP49 package
-
104
LQFP48 package
-
93
UFQFPN32 package
-
139
LQFP32 package
-
83
TA
Temperature range
Maximum power dissipation
(range 6)
–40
85
°C
Maximum power dissipation
(range 7)
–40
105
Maximum power dissipation
(range 3)
–40
125
TJ
Junction temperature range (range 6)
-40 °C
 TA  85 °
–40
105
Junction temperature range (range 7)
-40 °C
 TA  105 °C
–40
125
Junction temperature range (range 3)
-40 °C
 TA  125 °C
–40
130
1. It is recommended to power VDD and VDDA from the same source. A maximum difference of 300 mV between VDD and
VDDA can be tolerated during power-up and normal operation.
2. VDD_USB must respect the following conditions:
- When VDD is powered on (VDD < VDD_min), VDD_USB should be always lower than VDD.
- When VDD is powered down (VDD < VDD_min), VDD_USB should be always lower than VDD.
- In operating mode, VDD_USB could be lower or higher VDD.
- If the USB is not used, VDD_USB must range from VDD_min to VDD_max to be able to use PA11 and PA12 as standard I/Os.
3. To sustain a voltage higher than VDD+0.3V, the internal pull-up/pull-down resistors must be disabled.
4. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJ max (see Table 25: Thermal characteristics
on page 61).
Table 26. General operating conditions (continued)
Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com