Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L072V8 Datasheet(PDF) 75 Page - STMicroelectronics

Part # STM32L072V8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072V8 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STM32L072V8 Datasheet HTML 71Page - STMicroelectronics STM32L072V8 Datasheet HTML 72Page - STMicroelectronics STM32L072V8 Datasheet HTML 73Page - STMicroelectronics STM32L072V8 Datasheet HTML 74Page - STMicroelectronics STM32L072V8 Datasheet HTML 75Page - STMicroelectronics STM32L072V8 Datasheet HTML 76Page - STMicroelectronics STM32L072V8 Datasheet HTML 77Page - STMicroelectronics STM32L072V8 Datasheet HTML 78Page - STMicroelectronics STM32L072V8 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 147 page
background image
DocID027100 Rev 3
75/147
STM32L072xx
Electrical characteristics
117
Table 39. Average current consumption during Wakeup
Symbol
parameter
System frequency
Current
consumption
during wakeup
Unit
IDD (Wakeup from
Stop)
Supply current during Wakeup from
Stop mode
HSI
1
mA
HSI/4
0,7
MSI clock = 4,2 MHz
0,7
MSI clock = 1,05 MHz
0,4
MSI clock = 65 KHz
0,1
IDD (Reset)
Reset pin pulled down
-
0,21
IDD (Power-up)
BOR on
-
0,23
IDD (Wakeup from
StandBy)
With Fast wakeup set
MSI clock = 2,1 MHz
0,5
With Fast wakeup disabled
MSI clock = 2,1 MHz
0,12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com