Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L072V8 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STM32L072V8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072V8 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM32L072V8 Datasheet HTML 39Page - STMicroelectronics STM32L072V8 Datasheet HTML 40Page - STMicroelectronics STM32L072V8 Datasheet HTML 41Page - STMicroelectronics STM32L072V8 Datasheet HTML 42Page - STMicroelectronics STM32L072V8 Datasheet HTML 43Page - STMicroelectronics STM32L072V8 Datasheet HTML 44Page - STMicroelectronics STM32L072V8 Datasheet HTML 45Page - STMicroelectronics STM32L072V8 Datasheet HTML 46Page - STMicroelectronics STM32L072V8 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 147 page
background image
DocID027100 Rev 3
43/147
STM32L072xx
Pin descriptions
56
Table 15. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function during
and after reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
FTf
5 V tolerant I/O, FM+ capable
TC
Standard 3.3V I/O
B
Dedicated BOOT0 pin
RST
Bidirectional reset pin with embedded weak pull-up resistor
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during and
after reset.
Pin functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
Table 16. STM32L072xxx pin definition
Pin number
Pin name
(function
after reset)
Alternate functions
Additional functions
-
-
-
-
-
-
1
B2
PE2
I/O
FT
-
TIM3_ETR
-
-
-
-
-
-
-
2
A1
PE3
I/O
FT
-
TIM22_CH1, TIM3_CH1
-
-
-
-
-
-
-
3
B1
PE4
I/O
FT
-
TIM22_CH2, TIM3_CH2
-
-
-
-
-
-
-
4
C2
PE5
I/O
FT
-
TIM21_CH1, TIM3_CH3
-
-
-
-
-
-
-
5
D2
PE6
I/O
FT
-
TIM21_CH2, TIM3_CH4 RTC_TAMP3/WKUP3
1
-
1
1
B2 B6
6
E2
VDD
S
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com