Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L072V8 Datasheet(PDF) 109 Page - STMicroelectronics

Part # STM32L072V8
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072V8 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STM32L072V8 Datasheet HTML 105Page - STMicroelectronics STM32L072V8 Datasheet HTML 106Page - STMicroelectronics STM32L072V8 Datasheet HTML 107Page - STMicroelectronics STM32L072V8 Datasheet HTML 108Page - STMicroelectronics STM32L072V8 Datasheet HTML 109Page - STMicroelectronics STM32L072V8 Datasheet HTML 110Page - STMicroelectronics STM32L072V8 Datasheet HTML 111Page - STMicroelectronics STM32L072V8 Datasheet HTML 112Page - STMicroelectronics STM32L072V8 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 147 page
background image
DocID027100 Rev 3
109/147
STM32L072xx
Electrical characteristics
117
The analog spike filter is compliant with I2C timings requirements only for the following
voltage ranges:
Fast mode Plus: 2.7 V
VDD 3.6 V and voltage scaling Range 1
Fast mode:
–2 V
 VDD  3.6 V and voltage scaling Range 1 or Range 2.
–VDD < 2 V, voltage scaling Range 1 or Range 2, Cload < 200 pF.
In other ranges, the analog filter should be disabled. The digital filter can be used instead.
Note:
In Standard mode, no spike filter is required.
USART/LPUART characteristics
The parameters given in the following table are guaranteed by design.
Table 73. I2C analog filter characteristics(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Conditions
Min
Max
Unit
tAF
Maximum pulse width of spikes that
are suppressed by the analog filter
Range 1
50(2)
2. Spikes with widths below tAF(min) are filtered.
100(3)
3. Spikes with widths above tAF(max) are not filtered
ns
Range 2
-
Range 3
-
Table 74. USART/LPUART characteristics
Symbol
Parameter
Conditions
Typ
Max
Unit
tWUUSART
Wakeup time needed to
calculate the maximum
USART/LPUART baudrate
allowing to wake up from
Stop mode
Stop mode with main regulator in
Run mode, Range 2 or 3
-8.7
µs
Stop mode with main regulator in
Run mode, Range 1
-8.1
Stop mode with main regulator in
low-power mode, Range 2 or 3
-12
Stop mode with main regulator in
low-power mode, Range 1
-11.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com