Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L072VB Datasheet(PDF) 67 Page - STMicroelectronics

Part # STM32L072VB
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072VB Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STM32L072VB Datasheet HTML 63Page - STMicroelectronics STM32L072VB Datasheet HTML 64Page - STMicroelectronics STM32L072VB Datasheet HTML 65Page - STMicroelectronics STM32L072VB Datasheet HTML 66Page - STMicroelectronics STM32L072VB Datasheet HTML 67Page - STMicroelectronics STM32L072VB Datasheet HTML 68Page - STMicroelectronics STM32L072VB Datasheet HTML 69Page - STMicroelectronics STM32L072VB Datasheet HTML 70Page - STMicroelectronics STM32L072VB Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 147 page
background image
DocID027100 Rev 3
67/147
STM32L072xx
Electrical characteristics
117
Table 30. Current consumption in Run mode, code with data processing running from
Flash memory
Symbol
Parameter
Condition
fHCLK
(MHz)
Typ
Max(1)
Unit
IDD (Run
from Flash
memory)
Supply current in Run
mode code executed
from Flash memory
fHSE = fHCLK up to
16MHz included,
fHSE = fHCLK/2 above
16 MHz (PLL ON)(2)
Range3,
Vcore=1.2 V
VOS[1:0]=11
1
190
250
µA
2
345
380
4
650
670
Range2,
Vcore=1.5 V
VOS[1:0]=10
4
0,8
0,86
mA
8
1,55
1,7
16
2,95
3,1
Range1,
Vcore=1.8 V
VOS[1:0]=01
81,9
2,1
16
3,55
3,8
32
6,65
7,2
MSI clock source
Range3,
Vcore=1.2 V
VOS[1:0]=11
0,065
39
130
µA
0,524
115
210
4,2
700
770
HSI clock source
(16MHz)
Range2,
Vcore=1.5 V
VOS[1:0]=10
16
2,9
3,2
mA
Range1,
Vcore=1.8 V
VOS[1:0]=01
32
7,15
7,4
1. Guaranteed by characterization results at 125 °C, unless otherwise specified.
2. Oscillator bypassed (HSEBYP = 1 in RCC_CR register).
Table 31. Current consumption in Run mode vs code type,
code with data processing running from Flash memory
Symbol
Parameter
Conditions
fHCLK
Typ
Unit
IDD
(Run
from
Flash
memory)
Supply
current in
Run mode,
code
executed
from Flash
memory
fHSE = fHCLK up to
16 MHz included, fHSE
= fHCLK/2 above 16
MHz (PLL on)(1)
Range 3,
VCORE=1.2 V,
VOS[1:0]=11
Dhrystone
4 MHz
650
µA
CoreMark
655
Fibonacci
485
while(1)
385
while(1), 1WS,
prefetch off
375
Range 1,
VCORE=1.8 V,
VOS[1:0]=01
Dhrystone
32 MHz
6,65
mA
CoreMark
6,9
Fibonacci
6,75
while(1)
5,8
while(1), prefetch off
5,5
1. Oscillator bypassed (HSEBYP = 1 in RCC_CR register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com