Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L072VB Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM32L072VB
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072VB Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM32L072VB Datasheet HTML 27Page - STMicroelectronics STM32L072VB Datasheet HTML 28Page - STMicroelectronics STM32L072VB Datasheet HTML 29Page - STMicroelectronics STM32L072VB Datasheet HTML 30Page - STMicroelectronics STM32L072VB Datasheet HTML 31Page - STMicroelectronics STM32L072VB Datasheet HTML 32Page - STMicroelectronics STM32L072VB Datasheet HTML 33Page - STMicroelectronics STM32L072VB Datasheet HTML 34Page - STMicroelectronics STM32L072VB Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 147 page
background image
DocID027100 Rev 3
31/147
STM32L072xx
Functional overview
36
3.16
Timers and watchdogs
The ultra-low-power STM32L072xx devices include three general-purpose timers, one low-
power timer (LPTIM), one basic timer, two watchdog timers and the SysTick timer.
Table 10 compares the features of the general-purpose and basic timers.
Table 9. Capacitive sensing GPIOs available on STM32L072xx devices
Group
Capacitive sensing
signal name
Pin
name
Group
Capacitive sensing
signal name
Pin
name
1
TSC_G1_IO1
PA0
5
TSC_G5_IO1
PB3
TSC_G1_IO2
PA1
TSC_G5_IO2
PB4
TSC_G1_IO3
PA2
TSC_G5_IO3
PB6
TSC_G1_IO4
PA3
TSC_G5_IO4
PB7
2
TSC_G2_IO1
PA4
6
TSC_G6_IO1
PB11
TSC_G2_IO2
PA5
TSC_G6_IO2
PB12
TSC_G2_IO3
PA6
TSC_G6_IO3
PB13
TSC_G2_IO4
PA7
TSC_G6_IO4
PB14
3
TSC_G3_IO1
PC5
7
TSC_G7_IO1
PC0
TSC_G3_IO2
PB0
TSC_G7_IO2
PC1
TSC_G3_IO3
PB1
TSC_G7_IO3
PC2
TSC_G3_IO4
PB2
TSC_G7_IO4
PC3
4
TSC_G4_IO1
PA9
8
TSC_G8_IO1
PC6
TSC_G4_IO2
PA10
TSC_G8_IO2
PC7
TSC_G4_IO3
PA11
TSC_G8_IO3
PC8
TSC_G4_IO4
PA12
TSC_G8_IO4
PC9
Table 10. Timer feature comparison
Timer
Counter
resolution
Counter type
Prescaler factor
DMA
request
generation
Capture/compare
channels
Complementary
outputs
TIM2,
TIM3
16-bit
Up, down,
up/down
Any integer between
1 and 65536
Yes
4
No
TIM21,
TIM22
16-bit
Up, down,
up/down
Any integer between
1 and 65536
No
2
No
TIM6,
TIM7
16-bit
Up
Any integer between
1 and 65536
Yes
0
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com