Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L072VB Datasheet(PDF) 98 Page - STMicroelectronics

Part # STM32L072VB
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072VB Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STM32L072VB Datasheet HTML 94Page - STMicroelectronics STM32L072VB Datasheet HTML 95Page - STMicroelectronics STM32L072VB Datasheet HTML 96Page - STMicroelectronics STM32L072VB Datasheet HTML 97Page - STMicroelectronics STM32L072VB Datasheet HTML 98Page - STMicroelectronics STM32L072VB Datasheet HTML 99Page - STMicroelectronics STM32L072VB Datasheet HTML 100Page - STMicroelectronics STM32L072VB Datasheet HTML 101Page - STMicroelectronics STM32L072VB Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 147 page
background image
Electrical characteristics
STM32L072xx
98/147
DocID027100 Rev 3
Figure 29. Recommended NRST pin protection
1. The reset network protects the device against parasitic resets.
2. The user must ensure that the level on the NRST pin can go below the VIL(NRST) max level specified in
Table 63. Otherwise the reset will not be taken into account by the device.
6.3.15
12-bit ADC characteristics
Unless otherwise specified, the parameters given in Table 64 are derived from tests
performed under ambient temperature, fPCLK frequency and VDDA supply voltage conditions
summarized in Table 26: General operating conditions.
Note:
It is recommended to perform a calibration after each power-up.
Table 64. ADC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage for
ADC on
Fast channel
1.65
-
3.6
V
Standard channel
1.75(1)
-3.6
VREF+
Positive reference voltage
-
1.65
VDDA
V
VREF-
Negative reference voltage
-
-
0
-
IDDA (ADC)
Current consumption of the
ADC on VDDA and VREF+
1.14 Msps
-
200
-
µA
10 ksps
-
40
-
Current consumption of the
ADC on VDD(2)
1.14 Msps
-
70
-
10 ksps
-
1
-
fADC
ADC clock frequency
Voltage scaling Range 1
0.14
-
16
MHz
Voltage scaling Range 2
0.14
-
8
Voltage scaling Range 3
0.14
-
4
fS(3)
Sampling rate
12-bit resolution
0.01
-
1.14
MHz
fTRIG(3)
External trigger frequency
fADC = 16 MHz,
12-bit resolution
-
-
941
kHz
--
-
17
1/fADC
VAIN
Conversion voltage range
-
0
-
VREF+
V
RAIN(3)
External input impedance
See Equation 1 and
Table 65 for details
--
50
k
RADC(3)(4)
Sampling switch resistance
-
-
-
1
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com