Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L072VB Datasheet(PDF) 105 Page - STMicroelectronics

Part # STM32L072VB
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072VB Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STM32L072VB Datasheet HTML 101Page - STMicroelectronics STM32L072VB Datasheet HTML 102Page - STMicroelectronics STM32L072VB Datasheet HTML 103Page - STMicroelectronics STM32L072VB Datasheet HTML 104Page - STMicroelectronics STM32L072VB Datasheet HTML 105Page - STMicroelectronics STM32L072VB Datasheet HTML 106Page - STMicroelectronics STM32L072VB Datasheet HTML 107Page - STMicroelectronics STM32L072VB Datasheet HTML 108Page - STMicroelectronics STM32L072VB Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 147 page
background image
DocID027100 Rev 3
105/147
STM32L072xx
Electrical characteristics
117
dOffset/dT(2)
Offset error temperature
coefficient (code 0x800)
VDDA 3.3V
VREF+3.0 V
TA = 0 to 50 C
DAC output buffer off
-20
-10
0
µV/°C
VDDA 3.3V
VREF+3.0 V
TA = 0 to 50 C
DAC output buffer on
020
50
Gain(2)
Gain error(8)
CL  50 pF, RL  5 k
DAC output buffer on
-
+0.1 / -0.2% +0.2 / -0.5%
%
No RLOAD, CL  50 pF
DAC output buffer off
-
+0 / -0.2%
+0 / -0.4%
dGain/dT(2)
Gain error temperature
coefficient
VDDA 3.3V
VREF+3.0 V
TA = 0 to 50 C
DAC output buffer off
-10
-2
0
µV/°C
VDDA 3.3V
VREF+3.0 V
TA = 0 to 50 C
DAC output buffer on
-40
-8
0
TUE(2)
Total unadjusted error
CL  50 pF, RL  5 k
DAC output buffer on
-12
30
LSB
No RLOAD, CL  50 pF
DAC output buffer off
-8
12
tSETTLING
Settling time (full scale: for a
12-bit code transition between
the lowest and the highest
input codes till DAC_OUT
reaches final value ±1LSB
CL  50 pF, RL  5 k
-7
12
µs
Update rate
Max frequency for a correct
DAC_OUT change (95% of
final value) with 1 LSB
variation in the input code
CL  50 pF, RL  5 k
-
-
1
Msps
tWAKEUP
Wakeup time from off state
(setting the ENx bit in the DAC
Control register)(9)
CL  50 pF, RL  5 k
-9
15
µs
PSRR+
VDDA supply rejection ratio
(static DC measurement)
CL  50 pF, RL  5 k
-
-60
-35
dB
1. Guaranteed by characterization results.
2. Guaranteed by design, not tested in production.
3. Connected between DAC_OUT and VSSA.
4. Difference between two consecutive codes - 1 LSB.
5. Difference between measured value at Code i and the value at Code i on a line drawn between Code 0 and last Code
4095.
Table 67. DAC characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com