Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L072VB Datasheet(PDF) 145 Page - STMicroelectronics

Part # STM32L072VB
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072VB Datasheet(HTML) 145 Page - STMicroelectronics

Back Button STM32L072VB Datasheet HTML 139Page - STMicroelectronics STM32L072VB Datasheet HTML 140Page - STMicroelectronics STM32L072VB Datasheet HTML 141Page - STMicroelectronics STM32L072VB Datasheet HTML 142Page - STMicroelectronics STM32L072VB Datasheet HTML 143Page - STMicroelectronics STM32L072VB Datasheet HTML 144Page - STMicroelectronics STM32L072VB Datasheet HTML 145Page - STMicroelectronics STM32L072VB Datasheet HTML 146Page - STMicroelectronics STM32L072VB Datasheet HTML 147Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 145 / 147 page
background image
DocID027100 Rev 3
145/147
STM32L072xx
Revision history
146
9
Revision history
Table 97. Document revision history
Date
Revision
Changes
02-Sep-2015
1
Initial release
26-Oct-2015
2
Changed confidentiality level to public.
Updated datasheet status to “production data”.
Modified ultra-low-power platform features on cover page.
Added note related to UFQFPN32 in Table 16: STM32L072xxx
pin definition.
In Section 6: Electrical characteristics, updated notes related to
values guaranteed by characterization.
Updated |
VSS| definition to include VREF- in Table 23: Voltage
characteristics.
Updated fTRIG and VAIN maximum value, added VREF+ and VREF-
in Table 64: ADC characteristics.
Updated Figure 43: UFBGA100 - 100-pin, 7 x 7 mm, 0.50 mm
pitch, ultra fine pitch ball grid array package outline and Table 83:
UFBGA100 - 100-pin, 7 x 7 mm, 0.50 mm pitch, ultra fine pitch
ball grid array package mechanical data.
Added Section : Device marking for LQFP64.
Add “U” package type in Section 8: Part numbering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com