Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L071VB Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM32L071VB
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L071VB Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM32L071VB Datasheet HTML 66Page - STMicroelectronics STM32L071VB Datasheet HTML 67Page - STMicroelectronics STM32L071VB Datasheet HTML 68Page - STMicroelectronics STM32L071VB Datasheet HTML 69Page - STMicroelectronics STM32L071VB Datasheet HTML 70Page - STMicroelectronics STM32L071VB Datasheet HTML 71Page - STMicroelectronics STM32L071VB Datasheet HTML 72Page - STMicroelectronics STM32L071VB Datasheet HTML 73Page - STMicroelectronics STM32L071VB Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 136 page
background image
Electrical characteristics
STM32L071xx
70/136
DocID027101 Rev 3
Table 38. Average current consumption during Wakeup
Symbol
parameter
System frequency
Current
consumption
during wakeup
Unit
IDD (Wakeup from
Stop)
Supply current during Wakeup from
Stop mode
HSI
1
mA
HSI/4
0,7
MSI clock = 4,2 MHz
0,7
MSI clock = 1,05 MHz
0,4
MSI clock = 65 KHz
0,1
IDD (Reset)
Reset pin pulled down
-
0,21
IDD (Power-up)
BOR on
-
0,23
IDD (Wakeup from
StandBy)
With Fast wakeup set
MSI clock = 2,1 MHz
0,5
With Fast wakeup disabled
MSI clock = 2,1 MHz
0,12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com