Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L071VB Datasheet(PDF) 80 Page - STMicroelectronics

Part # STM32L071VB
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L071VB Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STM32L071VB Datasheet HTML 76Page - STMicroelectronics STM32L071VB Datasheet HTML 77Page - STMicroelectronics STM32L071VB Datasheet HTML 78Page - STMicroelectronics STM32L071VB Datasheet HTML 79Page - STMicroelectronics STM32L071VB Datasheet HTML 80Page - STMicroelectronics STM32L071VB Datasheet HTML 81Page - STMicroelectronics STM32L071VB Datasheet HTML 82Page - STMicroelectronics STM32L071VB Datasheet HTML 83Page - STMicroelectronics STM32L071VB Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 136 page
background image
Electrical characteristics
STM32L071xx
80/136
DocID027101 Rev 3
Low-speed internal (LSI) RC oscillator
Multi-speed internal (MSI) RC oscillator
Table 47. LSI oscillator characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fLSI(1)
1. Guaranteed by test in production.
LSI frequency
26
38
56
kHz
DLSI(2)
2. This is a deviation for an individual part, once the initial frequency has been measured.
LSI oscillator frequency drift
0°C
 TA  85°C
-10
-
4
%
tsu(LSI)(3)
3. Guaranteed by design.
LSI oscillator startup time
-
-
200
µs
IDD(LSI)(3) LSI oscillator power consumption
-
400
510
nA
Table 48. MSI oscillator characteristics
Symbol
Parameter
Condition
Typ
Max Unit
fMSI
Frequency after factory calibration, done at
VDD= 3.3 V and TA = 25 °C
MSI range 0
65.5
-
kHz
MSI range 1
131
-
MSI range 2
262
-
MSI range 3
524
-
MSI range 4
1.05
-
MHz
MSI range 5
2.1
-
MSI range 6
4.2
-
ACCMSI
Frequency error after factory calibration
-
0.5
-
%
DTEMP(MSI)(1)
MSI oscillator frequency drift
0 °C
 TA  85 °C
-
3-
%
MSI oscillator frequency drift
VDD = 3.3 V, − 40 °C  TA  110 °C
MSI range 0
− 8.9
+7.0
MSI range 1
− 7.1
+5.0
MSI range 2
− 6.4
+4.0
MSI range 3
− 6.2
+3.0
MSI range 4
− 5.2
+3.0
MSI range 5
− 4.8
+2.0
MSI range 6
− 4.7
+2.0
DVOLT(MSI)(1)
MSI oscillator frequency drift
1.65 V
 VDD  3.6 V, TA = 25 °C
--
2.5
%/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com