Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L071VB Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM32L071VB
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, ADC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L071VB Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32L071VB Datasheet HTML 67Page - STMicroelectronics STM32L071VB Datasheet HTML 68Page - STMicroelectronics STM32L071VB Datasheet HTML 69Page - STMicroelectronics STM32L071VB Datasheet HTML 70Page - STMicroelectronics STM32L071VB Datasheet HTML 71Page - STMicroelectronics STM32L071VB Datasheet HTML 72Page - STMicroelectronics STM32L071VB Datasheet HTML 73Page - STMicroelectronics STM32L071VB Datasheet HTML 74Page - STMicroelectronics STM32L071VB Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 136 page
background image
DocID027101 Rev 3
71/136
STM32L071xx
Electrical characteristics
107
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in the following tables. The
MCU is placed under the following conditions:
all I/O pins are in input mode with a static value at VDD or VSS (no load)
all peripherals are disabled unless otherwise mentioned
the given value is calculated by measuring the current consumption
–
with all peripherals clocked off
–
with only one peripheral clocked on
Table 39. Peripheral current consumption in Run or Sleep mode(1)
Peripheral
Typical consumption, VDD = 3.0 V, TA = 25 °C
Unit
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
Range 3,
VCORE=1.2 V
VOS[1:0] = 11
Low-power
sleep and
run
APB1
CRS
2.5
2
2
2
µA/MHz
(fHCLK)
I2C1
11
9.5
7.5
9
I2C3
11
9
7
9
LPTIM1
10
8.5
6.5
8
LPUART1
8
6.5
5.5
6
SPI2
9
4.5
3.5
4
USART2
14.5
12
9.5
11
USART4
5
4
3
5
USART5
5
4
3
5
TIM2
10.5
8.5
7
9
TIM3
12
10
8
11
TIM6
3.5
3
2.5
2
TIM7
3.5
3
2.5
2
WWDG
3
2
2
2
APB2
ADC1(2)
5.5
5
3.5
4
µA/MHz
(fHCLK)
SPI1
4
3
3
2.5
USART1
14.5
11.5
9.5
12
TIM21
7.5
6
5
5.5
TIM22
7
6
5
6
FIREWALL
1.5
1
1
0.5
DBGMCU
1.5
1
1
0.5
SYSCFG
2.5
2
2
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com