Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L475VG Datasheet(PDF) 55 Page - STMicroelectronics

Part # STM32L475VG
Description  Ultra-low-power ARM Cortex-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, analog, audio
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L475VG Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STM32L475VG Datasheet HTML 51Page - STMicroelectronics STM32L475VG Datasheet HTML 52Page - STMicroelectronics STM32L475VG Datasheet HTML 53Page - STMicroelectronics STM32L475VG Datasheet HTML 54Page - STMicroelectronics STM32L475VG Datasheet HTML 55Page - STMicroelectronics STM32L475VG Datasheet HTML 56Page - STMicroelectronics STM32L475VG Datasheet HTML 57Page - STMicroelectronics STM32L475VG Datasheet HTML 58Page - STMicroelectronics STM32L475VG Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 193 page
background image
DocID027692 Rev 2
55/193
STM32L475xx
Pinouts and pin description
79
Table 14. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function during and after
reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
TT
3.6 V tolerant I/O
B
Dedicated BOOT0 pin
RST
Bidirectional reset pin with embedded weak pull-up resistor
Option for TT or FT I/Os
_f (1)
I/O, Fm+ capable
_u (2)
I/O, with USB function supplied by VDDUSB
_a (3)
I/O, with Analog switch function supplied by VDDA
Notes
Unless otherwise specified by a note, all I/Os are set as analog inputs during and after reset.
Pin
functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
1. The related I/O structures in Table 15 are: FT_f, FT_fa, FT_f, FT_fa.
2. The related I/O structures in Table 15 are: FT_u.
3. The related I/O structures in Table 15 are: FT_a, FT_fa, TT_a.
Table 15. STM32L475xx pin definitions
Pin
Number
Pin name
(function after
reset)
Pin functions
Alternate functions
Additional functions
-
1
PE2
I/O
FT
-
TRACECK, TIM3_ETR,
TSC_G7_IO1, FMC_A23,
SAI1_MCLK_A, EVENTOUT
-
-
2
PE3
I/O
FT
-
TRACED0, TIM3_CH1,
TSC_G7_IO2, FMC_A19,
SAI1_SD_B, EVENTOUT
-
-
3
PE4
I/O
FT
-
TRACED1, TIM3_CH2,
DFSDM_DATIN3,
TSC_G7_IO3, FMC_A20,
SAI1_FS_A, EVENTOUT
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com