Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L475VG Datasheet(PDF) 91 Page - STMicroelectronics

Part # STM32L475VG
Description  Ultra-low-power ARM Cortex-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, analog, audio
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L475VG Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STM32L475VG Datasheet HTML 87Page - STMicroelectronics STM32L475VG Datasheet HTML 88Page - STMicroelectronics STM32L475VG Datasheet HTML 89Page - STMicroelectronics STM32L475VG Datasheet HTML 90Page - STMicroelectronics STM32L475VG Datasheet HTML 91Page - STMicroelectronics STM32L475VG Datasheet HTML 92Page - STMicroelectronics STM32L475VG Datasheet HTML 93Page - STMicroelectronics STM32L475VG Datasheet HTML 94Page - STMicroelectronics STM32L475VG Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 193 page
background image
Table 27. Current consumption in Run and Low-power run modes, code with data processing
running from Flash, ART disable
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
Voltage
scaling
fHCLK
25 °C 55 °C 85 °C
105 °C 125 °C 25 °C
55 °C
85 °C 105 °C 125 °C
IDD(Run)
Supply
current in
Run mode
fHCLK = fHSE up to
48MHz included,
bypass mode
PLL ON above
48 MHz all
peripherals disable
Range 2
26 MHz
3.15
3.19
3.31
3.50
3.85
3.47
3.70
3.84
4.26
4.88
mA
16 MHz
2.24
2.28
2.39
2.57
2.90
2.46
2.60
2.74
3.16
3.78
8 MHz
1.26
1.29
1.40
1.57
1.89
1.40
1.50
1.64
2.06
2.68
4 MHz
0.71
0.75
0.85
1.02
1.34
0.79
0.88
1.06
1.38
2.21
2 MHz
0.42
0.45
0.55
0.72
1.04
0.46
0.55
0.73
1.09
1.88
1 MHz
0.27
0.30
0.40
0.57
0.89
0.30
0.38
0.57
0.90
1.61
100 kHz
0.14
0.17
0.27
0.43
0.75
0.17
0.22
0.40
0.74
1.44
Range 1
80 MHz
10.0
10.1
10.3
10.6
11.0
11.00
11.35
11.64
12.26
13.10
72 MHz
9.06
9.13
9.28
9.51
9.92
9.97
10.36
10.65
11.06
11.69
64 MHz
8.96
9.04
9.22
9.48
9.92
9.86
10.25
10.54
10.95
11.79
48 MHz
7.64
7.72
7.91
8.17
8.62
8.40
8.76
8.90
9.52
10.36
32 MHz
5.49
5.57
5.74
5.98
6.40
6.04
6.40
6.69
7.10
7.94
24 MHz
4.16
4.22
4.36
4.57
4.96
4.60
4.86
5.15
5.56
6.19
16 MHz
2.93
2.99
3.13
3.35
3.75
3.22
3.43
3.72
4.13
4.97
IDD(LPRun)
Supply
current in
Low-power
run
fHCLK = fMSI
all peripherals disable
2 MHz
358
392
503
683
1050
435
501
694
1069
1819
µA
1 MHz
197
230
340
519
880
245
312
512
887
1637
400 kHz
97
126
235
414
778
130
202
402
777
1527
100 kHz
47
77
186
365
726
85
147
347
711
1472
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com