Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L475VG Datasheet(PDF) 92 Page - STMicroelectronics

Part # STM32L475VG
Description  Ultra-low-power ARM Cortex-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, analog, audio
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L475VG Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STM32L475VG Datasheet HTML 88Page - STMicroelectronics STM32L475VG Datasheet HTML 89Page - STMicroelectronics STM32L475VG Datasheet HTML 90Page - STMicroelectronics STM32L475VG Datasheet HTML 91Page - STMicroelectronics STM32L475VG Datasheet HTML 92Page - STMicroelectronics STM32L475VG Datasheet HTML 93Page - STMicroelectronics STM32L475VG Datasheet HTML 94Page - STMicroelectronics STM32L475VG Datasheet HTML 95Page - STMicroelectronics STM32L475VG Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 193 page
background image
Table 28. Current consumption in Run and Low-power run modes, code with data processing
running from SRAM1
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
Voltage
scaling
fHCLK
25 °C
55 °C
85 °C
105
°C
125
°C
25 °C
55 °C
85 °C
105
°C
125
°C
IDD(Run)
Supply
current in
Run mode
fHCLK = fHSE up to
48MHz included,
bypass mode
PLL ON above
48 MHz all
peripherals disable
Range 2
26 MHz
2.88
2.94
3.05
3.23
3.58
3.18
3.26
3.40
4.02
4.65
mA
16 MHz
1.83
1.87
1.98
2.15
2.50
2.01
2.16
2.30
2.72
3.34
8 MHz
0.97
1.00
1.11
1.27
1.62
1.07
1.16
1.32
1.73
2.36
4 MHz
0.54
0.57
0.67
0.84
1.18
0.59
0.69
0.88
1.23
1.96
2 MHz
0.33
0.36
0.46
0.62
0.96
0.37
0.45
0.63
0.98
1.70
1 MHz
0.22
0.25
0.35
0.51
0.85
0.25
0.33
0.50
0.86
1.57
100 kHz
0.12
0.15
0.25
0.41
0.75
0.15
0.21
0.39
0.74
1.45
Range 1
80 MHz
10.2
10.3
10.5
10.7
11.1
11.22
11.57
11.86
12.07
13.11
72 MHz
9.25
9.31
9.46
9.68
10.1
10.18
10.41
10.55
10.76
11.80
64 MHz
8.25
8.31
8.46
8.67
9.08
9.08
9.37
9.66
9.87
10.91
48 MHz
6.26
6.33
6.48
6.69
7.11
6.89
7.11
7.25
7.67
8.50
32 MHz
4.22
4.28
4.42
4.63
5.03
4.64
4.86
5.15
5.56
6.19
24 MHz
3.20
3.25
3.38
3.59
3.99
3.52
3.70
3.84
4.26
5.09
16 MHz
2.18
2.22
2.35
2.55
2.94
2.40
2.55
2.84
3.25
4.09
IDD(LPRun)
Supply
current in
low-power
run mode
fHCLK = fMSI
all peripherals disable
FLASH in power-down
2 MHz
242
275
384
562
924
300
380
573
927
1677
µA
1 MHz
130
162
269
445
809
180
243
435
810
1560
400 kHz
61
90
197
374
734
95
160
353
728
1478
100 kHz
26
56
163
339
702
55
122
314
679
1429
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com