Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2101 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM2101
Description  Getting started with the STEVAL-STLKT01V1 SensorTile integrated development platform
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2101 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM2101 Datasheet HTML 9Page - STMicroelectronics UM2101 Datasheet HTML 10Page - STMicroelectronics UM2101 Datasheet HTML 11Page - STMicroelectronics UM2101 Datasheet HTML 12Page - STMicroelectronics UM2101 Datasheet HTML 13Page - STMicroelectronics UM2101 Datasheet HTML 14Page - STMicroelectronics UM2101 Datasheet HTML 15Page - STMicroelectronics UM2101 Datasheet HTML 16Page - STMicroelectronics UM2101 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
UM2101
STLCX01V1 hardware description
DocID029635 Rev 1
13/33
3.1
Power supply
The power is either supplied by the host PC via USB or by an external source through the
Arduino UNO R3 connector (CN6.5).
Jumper J2 selects the power source for the onboard 3.3 V regulator (U4) and the
SensorTile VIN pin:
position 1-2: 5 V external
position 2-3: 5 V via USB (default)
The 3.3 V output of the regulator can be routed to the Arduino UNO R3 connector to power
on other external components by soldering SB18 (default OFF).
The VDDUSB pin of the SensorTile can be connected to two different power sources:
3.3 V
– SB9 (default ON)
1.8 V (SensorTile VDD)
– SB8 (default OFF)
3.2
USB device
The USB connector on the board can be used to supply power and for communication
(USB_OTG_FS).
To use the USB peripheral, use the following solder bridge configuration:
SB10, SB11, SB20 and SB21 OFF (disconnect the signals from U5)
SB9 ON (supply 3.3 V to the USB peripheral of the STM32 MCU)
3.3
Audio DAC
The PCM1774 is a low-power stereo DAC designed for portable digital audio applications,
and can be driven by the SensorTile to play any kind of Audio stream. A dedicated 3.5 mm
audio jack makes it easy to connect headphones or active loudspeakers.
In order to use the onboard audio DAC (U3), the SAI (serial audio interface) and I²C signals
must be routed to the component using the following configuration:
SB12, SB13, SB14, SB15, SB16 and SB17 OFF (disconnect the signals from Arduino
UNO R3 connector)
SB2, SB3, SB4, SB5, SB6, SB7 ON (connect the signals to the DAC)
3.4
Solder bridge details
Table 4: STLCX01V1 solder bridge details
Solder Bridge
SensorTile signal
Onboard signal
Arduino signal
SB1
Reset
CN8.2
SB2(1)
GPIO3
DAC control
– I2C SCL (pull-up)
SB3(1)
GPIO2
DAC control
– I2C SDA (pull-up)
SB4(1)
SAI_SD
DAC Audio
– I2S_SD
SB5(1)
SAI_SCK
DAC Audio
– I2S_SCK
SB6(1)
SAI_FS
DAC Audio
– I2S_WS
SB7(1)
SAI_MCLK
DAC Audio
– I2S_MCLK
SB8
VDDUSB
VDD
– 1.8V from SensorTile
SB9(1)
VDDUSB
3V3 from regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com