Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2101 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM2101
Description  Getting started with the STEVAL-STLKT01V1 SensorTile integrated development platform
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2101 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM2101 Datasheet HTML 17Page - STMicroelectronics UM2101 Datasheet HTML 18Page - STMicroelectronics UM2101 Datasheet HTML 19Page - STMicroelectronics UM2101 Datasheet HTML 20Page - STMicroelectronics UM2101 Datasheet HTML 21Page - STMicroelectronics UM2101 Datasheet HTML 22Page - STMicroelectronics UM2101 Datasheet HTML 23Page - STMicroelectronics UM2101 Datasheet HTML 24Page - STMicroelectronics UM2101 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
UM2101
Sensors and Bluetooth low energy connectivity
DocID029635 Rev 1
21/33
acoustic waves, is manufactured using a specialized silicon micromachining process
dedicated to produce audio sensors. The IC interface is manufactured using a CMOS
process that allows designing a dedicated circuit able to provide a digital signal externally
in PDM format.
The MP34DT04 has an acoustic overload point of 120 dBSPL with a 64 dB signal-to-noise
ratio and
–26 dBFS sensitivity.
6.5
BLUENRG-MS
The BLUENRG-MS is a very low power Bluetooth Low Energy (BLE) single-mode network
processor, compliant with Bluetooth specification v4.2. The BLUENRG-MS can act as
master or slave. The entire Bluetooth low energy stack runs on the embedded ARM Cortex
M0 core. The non-volatile Flash memory allows on-field stack upgrading.
The BLUENRG-MS allows applications to meet the tight advisable peak current
requirements imposed with the use of standard coin cell batteries. The maximum peak
current is only 8.2 mA at 0 dBm of output power. Ultra low-power sleep modes and very
short transition times between operating modes allow very low average current
consumption, resulting in longer battery life. The BLUENRG-MS offers the option of
interfacing with external microcontrollers using SPI transport layer.
6.6
BALF-NRG-01D3
BALF-NRG-01D3 is a 50
Ω conjugate match to BLUENRG-MS (QFN32 package) that
integrates balun transformer and harmonics filtering. It features high RF performances with
a very small footprint and a RF BOM reduction. It has been chosen as the best trade-off for
costs, area occupation and high radio performances. The layout has been optimized to suit
a 4-layer design and a chip antenna.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com