Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2101 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM2101
Description  Getting started with the STEVAL-STLKT01V1 SensorTile integrated development platform
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2101 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM2101 Datasheet HTML 19Page - STMicroelectronics UM2101 Datasheet HTML 20Page - STMicroelectronics UM2101 Datasheet HTML 21Page - STMicroelectronics UM2101 Datasheet HTML 22Page - STMicroelectronics UM2101 Datasheet HTML 23Page - STMicroelectronics UM2101 Datasheet HTML 24Page - STMicroelectronics UM2101 Datasheet HTML 25Page - STMicroelectronics UM2101 Datasheet HTML 26Page - STMicroelectronics UM2101 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
UM2101
Board schematic and bill of materials
DocID029635 Rev 1
23/33
Item
Q.ty
Ref
Value
Notes
Part number
Manufacturer
18
1
C9
0.22µF 6.3V
CAP CER X7S
0201
C0603X7S0J224K0
30BC
TDK
19
1
C30
150nF, 10V
CAP, MLCC, X5R,
0201
C0603X5R1A154K
030BB
TDK
20
2
C14, C31
100pF 25V
CAP CER NP0
0201
250R05L101JV4T
Johanson
Technology
21
1
ANT1
2.4GHZ
ANTENNA SMD
ANT016008LCS24
42MA1
TDK
22
9
C4, C5,
C10, C11,
C13, C18,
C29, C33,
C43
0.1µF 6.3V
±10%
CAP CER X5R
0201
GRM033R60J104K
E19D
Murata
23
1
R1
560 Ω
Resistor SMD
Any
24
9
C1, C3,
C6, C7,
C8, C15,
C16, C19,
C44
1µF 6.3V
CAP CER X5R
0201
CL03A105KQ3CS
NC
Samsung
25
1
LED
605 nm, 2 V,
10 mA, 50
mcd
LED, Low Power,
Orange
KPG-0603SEC-TT
KINGBRIGHT
26
1
CONN
0.4mm
Connector Board-
to-Board
BM10NB(0.8)-
16DS-0.4V(51)
Hirose
27
1
L1
3.9nH 400mA
300 MΩ
FIXED IND
LQP03TN3N9B02D Murata
28
1
SWD
Cable
2.54mm,
L=15cm
5 pin ribbon cable
Table 7: STLCX01V1 bill of materials
Item
Q.ty
Ref
Value
Notes
Part number
Manufacturer
1
1
CN2
BM10JC-16DP-
0.4V(53)
BM10JC-16DP-
0.4V(53)
Hirose
2
1
CN5
HEADER 10
SSQ-110-03-L-S
Samtec
3
2
CN6,CN9
HEADER 8
SSQ-108-03-L-S
Samtec
4
1
CN8
HEADER 6
SSQ-106-03-L-S
Samtec
5
5
C1,C5,C1
0,C13,C14
100nF
X7R
6
2
C4,C6
47uF, 6.3V
Tantal
7
4
C8,C9,C1
1,C12
4.7uF, >6.3V,
<2 Ω ESR
Tantal
8
2
C15,C16
4.7uF, 10V
X5R
9
1
J1
PHONOJACK
STEREO
35RASMT4BHNTR
X
Switchcraft
10
1
J2
Header M 3x1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com