Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ124IPT Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSZ124IPT
Description  Very high accuracy zero drift micropower 5 V operational amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ124IPT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSZ124IPT Datasheet HTML 5Page - STMicroelectronics TSZ124IPT Datasheet HTML 6Page - STMicroelectronics TSZ124IPT Datasheet HTML 7Page - STMicroelectronics TSZ124IPT Datasheet HTML 8Page - STMicroelectronics TSZ124IPT Datasheet HTML 9Page - STMicroelectronics TSZ124IPT Datasheet HTML 10Page - STMicroelectronics TSZ124IPT Datasheet HTML 11Page - STMicroelectronics TSZ124IPT Datasheet HTML 12Page - STMicroelectronics TSZ124IPT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
TSZ121, TSZ122, TSZ124
Electrical characteristics
DocID023563 Rev 5
9/38
Table 5: Electrical characteristics at VCC+ = 5 V with VCC- = 0 V, Vicm = VCC/2, T = 25 ° C, and
RL = 10 kΩ connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
T = 25 °C
1
5
μV
-40 °C < T < 125 °C
8
ΔVio/ΔT
Input offset voltage drift
(1)
-40 °C < T < 125 °C
10
30
nV/°C
Iib
Input bias current
(Vout = VCC/2)
T = 25 °C
70
200
(2)
pA
-40 °C < T < 125 °C
300
(2)
Iio
Input offset current
(Vout = VCC/2)
T = 25 °C
140
400
(2)
-40 °C < T < 125 °C
600
(2)
CMR
Common mode rejection
ratio, 20 log (ΔVicm/ΔVio),
Vic = 0 V to VCC,
Vout = VCC/2, RL > 1 MΩ
T = 25 °C
115
136
dB
-40 °C < T < 125 °C
115
SVR
Supply voltage rejection
ratio, 20 log (ΔVCC/ΔVio),
VCC = 1.8 V to 5.5 V,
Vout = VCC/2, RL > 1 MΩ
T = 25 °C
120
140
-40 °C < T < 125 °C
120
Avd
Large signal voltage gain,
Vout = 0.5 V to (VCC - 0.5 V)
T = 25 °C
120
135
-40 °C < T < 125 °C
110
EMIRR
(3)
EMI rejection rate = -20 log
(VRFpeak/ΔVio)
VRF = 100 mVp, f = 400 MHz
84
VRF = 100 mVp, f = 900 MHz
87
VRF = 100 mVp, f = 1800 MHz
90
VRF = 100 mVp, f = 2400 MHz
91
VOH
High-level output voltage
T = 25 °C
30
mV
-40 °C < T < 125 °C
70
VOL
Low-level output voltage
T = 25 °C
30
-40 °C < T < 125 °C
70
Iout
Isink (Vout = VCC)
T = 25 °C
15
18
mA
-40 °C < T < 125 °C
14
Isource (Vout = 0 V)
T = 25 °C
14
17
-40 °C < T < 125 °C
12
ICC
Supply current
(per amplifier, Vout = VCC/2,
RL > 1 MΩ)
T = 25 °C
31
40
μA
-40 °C < T < 125 °C
40
AC performance
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 100 pF
400
kHz
Fu
Unity gain frequency
300
ɸm
Phase margin
53
Degrees
Gm
Gain margin
19
dB
SR
Slew rate
(4)
0.19
V/μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com