Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ124IPT Datasheet(PDF) 19 Page - STMicroelectronics

Part # TSZ124IPT
Description  Very high accuracy zero drift micropower 5 V operational amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ124IPT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TSZ124IPT Datasheet HTML 15Page - STMicroelectronics TSZ124IPT Datasheet HTML 16Page - STMicroelectronics TSZ124IPT Datasheet HTML 17Page - STMicroelectronics TSZ124IPT Datasheet HTML 18Page - STMicroelectronics TSZ124IPT Datasheet HTML 19Page - STMicroelectronics TSZ124IPT Datasheet HTML 20Page - STMicroelectronics TSZ124IPT Datasheet HTML 21Page - STMicroelectronics TSZ124IPT Datasheet HTML 22Page - STMicroelectronics TSZ124IPT Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
TSZ121, TSZ122, TSZ124
Application information
DocID023563 Rev 5
19/38
5.2
Operating voltages
TSZ121, TSZ122, and TSZ124 devices can operate from 1.8 to 5.5 V. The parameters are
fully specified for 1.8 V, 3.3 V, and 5 V power supplies. However, the parameters are very
stable in the full VCC range and several characterization curves show the TSZ121, TSZ122,
and TSZ124 device characteristics at 1.8 V and 5.5 V. Additionally, the main specifications
are guaranteed in extended temperature ranges from -40 to 125 ° C.
5.3
Input pin voltage ranges
TSZ121, TSZ122, and TSZ124 devices have internal ESD diode protection on the inputs.
These diodes are connected between the input and each supply rail to protect the input
MOSFETs from electrical discharge.
If the input pin voltage exceeds the power supply by 0.5 V, the ESD diodes become
conductive and excessive current can flow through them. Without limitation this over
current can damage the device.
In this case, it is important to limit the current to 10 mA, by adding resistance on the input
pin, as described in Figure 42: "Input current limitation".
Figure 42: Input current limitation
5.4
Rail-to-rail input
TSZ121, TSZ122, and TSZ124 devices have a rail-to-rail input, and the input common
mode range is extended from (VCC-) - 0.1 V to (VCC+) + 0.1 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com