Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ124IPT Datasheet(PDF) 27 Page - STMicroelectronics

Part # TSZ124IPT
Description  Very high accuracy zero drift micropower 5 V operational amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ124IPT Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TSZ124IPT Datasheet HTML 23Page - STMicroelectronics TSZ124IPT Datasheet HTML 24Page - STMicroelectronics TSZ124IPT Datasheet HTML 25Page - STMicroelectronics TSZ124IPT Datasheet HTML 26Page - STMicroelectronics TSZ124IPT Datasheet HTML 27Page - STMicroelectronics TSZ124IPT Datasheet HTML 28Page - STMicroelectronics TSZ124IPT Datasheet HTML 29Page - STMicroelectronics TSZ124IPT Datasheet HTML 30Page - STMicroelectronics TSZ124IPT Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
TSZ121, TSZ122, TSZ124
Package information
DocID023563 Rev 5
27/38
6.2
SOT23-5 package information
Figure 51: SOT23-5 package outline
Table 7: SOT23-5 mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.45
0.057
A1
0.00
0.15
0.000
0.006
A2
1.15
0.90
1.30
0.045
0.035
0.051
b
0.30
0.50
0.012
0.020
c
0.08
0.22
0.003
0.009
D
2.90
0.114
E
2.80
0.110
E1
1.60
0.063
e
0.95
0.037
e1
1.90
0.075
L
0.45
0.30
0.60
0.018
0.012
0.024
s
4
0
8
4
0
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com