Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ122 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSZ122
Description  Very high accuracy zero drift micropower 5 V operational amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ122 Datasheet(HTML) 1 Page - STMicroelectronics

  TSZ122 Datasheet HTML 1Page - STMicroelectronics TSZ122 Datasheet HTML 2Page - STMicroelectronics TSZ122 Datasheet HTML 3Page - STMicroelectronics TSZ122 Datasheet HTML 4Page - STMicroelectronics TSZ122 Datasheet HTML 5Page - STMicroelectronics TSZ122 Datasheet HTML 6Page - STMicroelectronics TSZ122 Datasheet HTML 7Page - STMicroelectronics TSZ122 Datasheet HTML 8Page - STMicroelectronics TSZ122 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
May 2016
DocID023563 Rev 5
1/38
This is information on a product in full production.
www.st.com
TSZ121, TSZ122, TSZ124
Very high accuracy (5 µV) zero drift micropower 5 V operational
amplifiers
Datasheet - production data
Features
Very high accuracy and stability: offset
voltage 5 µV max at 25 °C, 8 µV over full
temperature range (-40 °C to 125 °C)
Rail-to-rail input and output
Low supply voltage: 1.8 - 5.5 V
Low power consumption: 40 µA max. at 5 V
Gain bandwidth product: 400 kHz
High tolerance to ESD: 4 kV HBM
Extended temperature range: -40 to 125 °C
Micro-packages: SC70-5, DFN8 2x2, and
QFN16 3x3
Benefits
Higher accuracy without calibration
Accuracy virtually unaffected by temperature
change
Related products
See TSV711 or TSV731 for continuous-time
precision amplifiers
Applications
Battery-powered applications
Portable devices
Signal conditioning
Medical instrumentation
Description
The TSZ12x series of high precision operational
amplifiers offer very low input offset voltages with
virtually zero drift.
TSZ121 is the single version, TSZ122 the dual
version, and TSZ124 the quad version, with
pinouts compatible with industry standards.
The TSZ12x series offers rail-to-rail input and
output, excellent speed/power consumption ratio,
and 400 kHz gain bandwidth product, while
consuming less than 40 µA at 5 V. The devices
also feature an ultra-low input bias current.
These features make the TSZ12x family ideal for
sensor interfaces, battery-powered applications
and portable applications.


Similar Part No. - TSZ122

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSZ122 STMICROELECTRONICS-TSZ122 Datasheet
27Mb / 31P
High temperature (150 °C) and long mission profile automotive grade, high accuracy (250 μV) 5 V CMOS operational amplifier
06-Dec-2022
More results

Similar Description - TSZ122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA333A-EP TI-OPA333A-EP Datasheet
610Kb / 19P
1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
logo
Linear Technology
LTC2055 LINER-LTC2055 Datasheet
190Kb / 12P
Single/Dual Micropower Zero-Drift Operational Amplifiers
logo
Texas Instruments
OPA333A-EP TI-OPA333A-EP_09 Datasheet
575Kb / 19P
1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA2333AIDGKR TI-OPA2333AIDGKR Datasheet
1Mb / 28P
1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
OPA333 TI-OPA333_15 Datasheet
1Mb / 33P
1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333 TI1-OPA333_17 Datasheet
1Mb / 42P
1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
logo
STMicroelectronics
TSZ182 STMICROELECTRONICS-TSZ182 Datasheet
2Mb / 39P
Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V dual operational amplifiers
21-Nov-2016
TSZ181 STMICROELECTRONICS-TSZ181 Datasheet
2Mb / 43P
Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V operational amplifiers
Rev 5 - August 2018
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com