Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ122 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSZ122
Description  Very high accuracy zero drift micropower 5 V operational amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ122 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSZ122 Datasheet HTML 6Page - STMicroelectronics TSZ122 Datasheet HTML 7Page - STMicroelectronics TSZ122 Datasheet HTML 8Page - STMicroelectronics TSZ122 Datasheet HTML 9Page - STMicroelectronics TSZ122 Datasheet HTML 10Page - STMicroelectronics TSZ122 Datasheet HTML 11Page - STMicroelectronics TSZ122 Datasheet HTML 12Page - STMicroelectronics TSZ122 Datasheet HTML 13Page - STMicroelectronics TSZ122 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Electrical characteristics
TSZ121, TSZ122, TSZ124
10/38
DocID023563 Rev 5
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ts
Setting time
To 0.1 %, Vin = 100 mVp-p,
RL = 10 kΩ, CL = 100 pF
10
μs
en
Equivalent input noise
voltage
f = 1 kHz
37
nV/√Hz
f = 10 kHz
37
Cs
Channel separation
f = 100 Hz
120
dB
tinit
Initialization time
T = 25 °C
50
μs
-40 °C < T < 125 °C
100
Notes:
(1)
See Section 5.5: "Input offset voltage drift over temperature". Input offset measurements are performed on x100 gain
configuration. The amplifiers and the gain setting resistors are at the same temperature.
(2)
Guaranteed by design
(3)
Tested on SC70-5 package
(4)
Slew rate value is calculated as the average between positive and negative slew rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com