Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ122 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TSZ122
Description  Very high accuracy zero drift micropower 5 V operational amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ122 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TSZ122 Datasheet HTML 20Page - STMicroelectronics TSZ122 Datasheet HTML 21Page - STMicroelectronics TSZ122 Datasheet HTML 22Page - STMicroelectronics TSZ122 Datasheet HTML 23Page - STMicroelectronics TSZ122 Datasheet HTML 24Page - STMicroelectronics TSZ122 Datasheet HTML 25Page - STMicroelectronics TSZ122 Datasheet HTML 26Page - STMicroelectronics TSZ122 Datasheet HTML 27Page - STMicroelectronics TSZ122 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Application information
TSZ121, TSZ122, TSZ124
24/38
DocID023563 Rev 5
5.11.3
Low-side current sensing
Power management mechanisms are found in most electronic systems. Current sensing is
useful for protecting applications. The low-side current sensing method consists of placing
a sense resistor between the load and the circuit ground. The resulting voltage drop is
amplified using TSZ121, TSZ122, and TSZ124 devices (see Figure 49: "Low-side current
sensing schematic").
Figure 49: Low-side current sensing schematic
Vout can be expressed as follows:
Equation 4
Assuming that Rf2 = Rf1 = Rf and Rg2 = Rg1 = Rg, Equation 4 can be simplified as follows:
Equation 5
The main advantage of using the chopper of the TSZ121, TSZ122, and TSZ124, for a
low-side current sensing, is that the errors due to Vio and Iio are extremely low and may be
neglected.
Therefore, for the same accuracy, the shunt resistor can be chosen with a lower value,
resulting in lower power dissipation, lower drop in the ground path, and lower cost.
Particular attention must be paid on the matching and precision of Rg1, Rg2, Rf1, and Rf2, to
maximize the accuracy of the measurement.
V
ou t
R
shun t
I 1
R
g2
R
g2
R
f2
+
1
R
f1
R
g1
–
×
I
p
R
g2
R
f2
R
g2
R
f2
1
R
f1
R
g1
l
n
R
f1
V
io 1
R
f1
R
g1
+
–
–
+
=
+
+
×
×
+
×
V
out
R
shunt
I
R
f
R
g
×
V
io 1
R
f
R
g
–
R
f
I
io
×
+
=
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com