Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND7004AY Datasheet(PDF) 19 Page - STMicroelectronics

Part # VND7004AY
Description  Double channel high-side driver with MultiSense analog feedback for automotive applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND7004AY Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VND7004AY Datasheet HTML 15Page - STMicroelectronics VND7004AY Datasheet HTML 16Page - STMicroelectronics VND7004AY Datasheet HTML 17Page - STMicroelectronics VND7004AY Datasheet HTML 18Page - STMicroelectronics VND7004AY Datasheet HTML 19Page - STMicroelectronics VND7004AY Datasheet HTML 20Page - STMicroelectronics VND7004AY Datasheet HTML 21Page - STMicroelectronics VND7004AY Datasheet HTML 22Page - STMicroelectronics VND7004AY Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
VND7004AY
Electrical specification
DocID027772 Rev 9
19/47
Table 10: Truth table
Mode
Conditions
INX
FR
SEn
SELX
OUTX
MultiSense
Comments
Standby
All logic inputs
low
L
L
L
L
L
Hi-Z
Low quiescent
current
consumption
Normal
Nominal load
connected;
Tj < 150 °C
L
X
See (1)
L
See (1)
H
L
H
See (1)
Outputs
configured for
auto-restart
H
H
H
See (1)
Outputs
configured for
Latch-off
Overload
Overload or
short to GND
causing:
Tj > TTSD or
ΔTj > ΔTj_SD
L
X
See (1)
L
See (1)
H
L
H
See (1)
Output cycles
with
temperature
hysteresis
H
H
L
See (1)
Output latches-
off
Undervoltage
VCC < VUSD
(falling)
X
X
X
X
L
L
Hi-Z
Hi-Z
Re-start when
VCC > VUSD +
VUSDhyst (rising)
OFF-state
diagnostics
Short to VCC
L
X
See (1)
H
See (1)
Open-load
L
X
H
See (1)
External pull-up
Negative
output voltage
Inductive
loads turn-off
L
X
See (1)
< 0 V
See (1)
Notes:
(1)Refer to Table 11: "MultiSense multiplexer addressing"
Table 11: MultiSense multiplexer addressing
SEn
SEL1
SEL0
MUX channel
MultiSense output
Normal
mode
Overload
OFF-state
diag. (1)
Negative
output
L
X
X
Hi-Z
H
L
L
Channel 0
diagnostic
ISENSE =
1/K * IOUT0
VSENSE =
VSENSEH
VSENSE =
VSENSEH
Hi-Z
H
L
H
Channel 1
diagnostic
ISENSE =
1/K * IOUT1
VSENSE =
VSENSEH
VSENSE =
VSENSEH
Hi-Z
H
H
L
TCHIP Sense
VSENSE = VSENSE_TC
H
H
H
VCC Sense
VSENSE = VSENSE_VCC
Notes:
(1)In case the output channel corresponding to the selected MUX channel is latched off while the
relevant input is low, Multisense pin delivers feedback according to OFF-State diagnostic.
Example 1: FR = 1; IN0 = 0; OUT0 = L (latched); MUX channel = channel 0 diagnostic; Mutisense = 0.
Example 2: FR = 1; IN0 = 0; OUT0 = latched, VOUT0 > VOL; MUX channel = channel 0 diagnostic;
Mutisense = VSENSEH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com