Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND7004AY Datasheet(PDF) 5 Page - STMicroelectronics

Part # VND7004AY
Description  Double channel high-side driver with MultiSense analog feedback for automotive applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND7004AY Datasheet(HTML) 5 Page - STMicroelectronics

  VND7004AY Datasheet HTML 1Page - STMicroelectronics VND7004AY Datasheet HTML 2Page - STMicroelectronics VND7004AY Datasheet HTML 3Page - STMicroelectronics VND7004AY Datasheet HTML 4Page - STMicroelectronics VND7004AY Datasheet HTML 5Page - STMicroelectronics VND7004AY Datasheet HTML 6Page - STMicroelectronics VND7004AY Datasheet HTML 7Page - STMicroelectronics VND7004AY Datasheet HTML 8Page - STMicroelectronics VND7004AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
VND7004AY
Block diagram and pin description
DocID027772 Rev 9
5/47
1
Block diagram and pin description
Figure 1: Block diagram
Table 1: Pin functions
Name
Function
VCC
Battery connection.
OUTPUT0,1
Power output.
GND
Ground connection.
INPUT0,1
Voltage controlled input pin with hysteresis, compatible with 3 V and 5 V CMOS
outputs. They control output switch state.
MultiSense
Multiplexed analog sense output pin; it delivers a current proportional to the selected
diagnostic: load current, supply voltage or chip temperature.
SEn
Active high compatible with 3 V and 5 V CMOS outputs pin; it enables the MultiSense
diagnostic pin.
SEL0,1
Active high compatible with 3 V and 5 V CMOS outputs pin; they address the
MultiSense multiplexer.
FaultRST
Active low compatible with 3 V and 5 V CMOS outputs pin; it unlatches the output in
case of fault; If kept low, sets the outputs in auto-restart mode
Channe l 1
Control & Di agno stic
Channe l 0
VCC
Current
Limitation
VCC – OUT
Clamp
Internal supply
CH1
OUTPUT0
CH0
Current
Sense
0
GND
Undervoltage
shut-down
VCC – GND
Clamp
Fault
T
Short to VCC
Open-Loadin OFF
Overtemperature
Power Limitation
T
VSENSEH
INPUT0
SE L0
SE L1
SE n
Multisense
FaultRST
INPUT1
OUTPUT1
VCC
Gate Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com