Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND7004AY Datasheet(PDF) 4 Page - STMicroelectronics

Part # VND7004AY
Description  Double channel high-side driver with MultiSense analog feedback for automotive applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND7004AY Datasheet(HTML) 4 Page - STMicroelectronics

  VND7004AY Datasheet HTML 1Page - STMicroelectronics VND7004AY Datasheet HTML 2Page - STMicroelectronics VND7004AY Datasheet HTML 3Page - STMicroelectronics VND7004AY Datasheet HTML 4Page - STMicroelectronics VND7004AY Datasheet HTML 5Page - STMicroelectronics VND7004AY Datasheet HTML 6Page - STMicroelectronics VND7004AY Datasheet HTML 7Page - STMicroelectronics VND7004AY Datasheet HTML 8Page - STMicroelectronics VND7004AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
List of figures
VND7004AY
4/47
DocID027772 Rev 9
List of figures
Figure 1: Block diagram ..............................................................................................................................5
Figure 2: Configuration diagram (top view).................................................................................................6
Figure 3: Current and voltage conventions.................................................................................................7
Figure 4: Switching time and Pulse skew .................................................................................................17
Figure 5: MultiSense timings (current sense mode) .................................................................................17
Figure 6: Multisense timings (chip temperature and VCC sense mode) ..................................................18
Figure 7: TDSTKON..................................................................................................................................18
Figure 8: Latch functionality - behavior in hard short circuit condition (TAMB << TTSD) ........................20
Figure 9: Latch functionality - behavior in hard short circuit condition......................................................20
Figure 10: Latch functionality - behavior in hard short circuit condition (autorestart mode + latch off) ....21
Figure 11: Standby mode activation .........................................................................................................21
Figure 12: Standby state diagram.............................................................................................................22
Figure 13: OFF-state output current .........................................................................................................22
Figure 14: Standby current .......................................................................................................................22
Figure 15: IGND(ON) vs. Iout ...................................................................................................................22
Figure 16: Logic Input high level voltage ..................................................................................................22
Figure 17: Logic Input low level voltage....................................................................................................23
Figure 18: High level logic input current ...................................................................................................23
Figure 19: Low level logic input current ....................................................................................................23
Figure 20: Logic Input hysteresis voltage .................................................................................................23
Figure 21: FaultRST Input clamp voltage .................................................................................................23
Figure 22: Undervoltage shutdown ...........................................................................................................23
Figure 23: On-state resistance vs. Tcase .................................................................................................24
Figure 24: On-state resistance vs. VCC ...................................................................................................24
Figure 25: Turn-on voltage slope ..............................................................................................................24
Figure 26: Turn-off voltage slope ..............................................................................................................24
Figure 27: Won vs. Tcase .........................................................................................................................24
Figure 28: Woff vs. Tcase .........................................................................................................................24
Figure 29: OFF-state open-load voltage detection threshold ...................................................................25
Figure 30: Vsense clamp vs. Tcase..........................................................................................................25
Figure 31: Vsenseh vs. Tcase ..................................................................................................................25
Figure 32: Application diagram .................................................................................................................27
Figure 33: Simplified internal structure .....................................................................................................27
Figure 34: MultiSense and diagnostic
– block diagram ............................................................................29
Figure 35: MultiSense block diagram .......................................................................................................30
Figure 36: Analogue HSD
– open-load detection in off-state ...................................................................31
Figure 37: Open-load / short to VCC condition.........................................................................................32
Figure 38: GND voltage shift ....................................................................................................................33
Figure 39: PowerSSO-36 PC board .........................................................................................................34
Figure 40: Rthj-amb vs PCB copper area in open box free air conditions ...............................................35
Figure 41: PowerSSO-36 thermal impedance junction ambient single pulse ..........................................36
Figure 42: Thermal fitting model for PowerSSO-36..................................................................................36
Figure 43: Maximum turn off current versus inductance ..........................................................................38
Figure 44: PowerSSO-36 package outline ...............................................................................................39
Figure 45: PowerSSO-36 reel 13" ............................................................................................................41
Figure 46: PowerSSO-36 carrier tape ......................................................................................................42
Figure 47: PowerSSO-36 schematic drawing of leader and trailer tape ..................................................43
Figure 48: PowerSSO-36 marking information .........................................................................................43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com