Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1222ECH Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1222ECH
Description  High-Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1222ECH Datasheet(HTML) 5 Page - Microchip Technology

  TC1222ECH Datasheet HTML 1Page - Microchip Technology TC1222ECH Datasheet HTML 2Page - Microchip Technology TC1222ECH Datasheet HTML 3Page - Microchip Technology TC1222ECH Datasheet HTML 4Page - Microchip Technology TC1222ECH Datasheet HTML 5Page - Microchip Technology TC1222ECH Datasheet HTML 6Page - Microchip Technology TC1222ECH Datasheet HTML 7Page - Microchip Technology TC1222ECH Datasheet HTML 8Page - Microchip Technology TC1222ECH Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 2002-2014 Microchip Technology Inc.
DS20001367C-page 5
TC1221/TC1222
4.0
APPLICATIONS INFORMATION
4.1
Output Voltage Considerations
The TC1221/TC1222 perform voltage conversion but
do not provide regulation. The output voltage will droop
in a linear manner with respect to load current. The
value of this equivalent output resistance is approxi-
mately 25
 nominal at +25°C and V
IN = +5V. VOUT is
approximately -5V at light loads, and droops according
to the equation below:
VDROP = IOUT x ROUT
VOUT = – (VIN – VDROP)
4.2
Charge Pump Efficiency
The overall power efficiency of the charge pump is
affected by four factors:
1.
Losses from power consumed by the internal
oscillator, switch drive, etc. (which vary with
input
voltage,
temperature
and
oscillator
frequency).
2.
I2R losses due to the on-resistance of the
MOSFET switches on-board the charge pump.
3.
Charge pump capacitor losses due to effective
series resistance (ESR).
4.
Losses that occur during charge transfer (from
the
commutation
capacitor
to
the
output
capacitor) when a voltage difference between
the two capacitors exists.
Most of the conversion losses are due to factors (2) and
(3) above. These losses are given by Equation 4-1(b).
EQUATION 4-1:
The 1/(fOSC)(C1) term in Equation 4-1(b) is the
effective output resistance of an ideal switched
capacitor circuit (Figure 4-1 and Figure 4-2). The value
of RSWITCH can be approximated at 0.5 for the
TC1221/TC1222.
The remaining losses in the circuit are due to factor (4)
above, and are shown in Equation 4-2. The output
voltage ripple is given by Equation 4-3.
EQUATION 4-2:
EQUATION 4-3:
FIGURE 4-1:
IDEAL SWITCHED
CAPACITOR MODEL
FIGURE 4-2:
EQUIVALENT OUTPUT
RESISTANCE
4.3
Capacitor Selection
In order to maintain the lowest output resistance and
output ripple voltage, it is recommended that low ESR
capacitors be used. Additionally, larger values of C1
will lower the output resistance and larger values of
C2 will reduce output ripple. (Equation 4-1(b) and
Equation 4-3).
a) PLOSS (2, 3) = IOUT
2 x R
OUT
b) where ROUT = [ 1 / [fOSC(C1) ] + 8RSWITCH +
4ESRC1 + ESRC2]
PLOSS(4) = [(0.5)(C1)(VIN
2 –V
OUT
2)+ (0.5)
(C2)(VRIPPLE
2 –2V
OUT VRIPPLE)] xfOSC
VRIPPLE =[ IOUT /2 x ( fOSC)(C2)] + 2 ( IOUT)(ESRC2)
V+
VOUT
RL
C2
C1
f
V+
VOUT
REQUIV
REQUIV =
RL
C2
f x C1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com