Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1222ECH Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1222ECH
Description  High-Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1222ECH Datasheet(HTML) 1 Page - Microchip Technology

  TC1222ECH Datasheet HTML 1Page - Microchip Technology TC1222ECH Datasheet HTML 2Page - Microchip Technology TC1222ECH Datasheet HTML 3Page - Microchip Technology TC1222ECH Datasheet HTML 4Page - Microchip Technology TC1222ECH Datasheet HTML 5Page - Microchip Technology TC1222ECH Datasheet HTML 6Page - Microchip Technology TC1222ECH Datasheet HTML 7Page - Microchip Technology TC1222ECH Datasheet HTML 8Page - Microchip Technology TC1222ECH Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 2002-2014 Microchip Technology Inc.
DS20001367C-page 1
TC1221/TC1222
Features:
• Charge Pumps in 6-Pin SOT-23A Package
• 96% Voltage Conversion Efficiency
• Voltage Inversion and/or Doubling
• Operates from +1.8V to +5.5V
• Up to 25mA Output Current
• Only Two External Capacitors Required
• Power-Saving Shutdown Mode
• Fully Compatible with 1.8V Logic Systems
Applications:
• LCD Panel Bias
• Cellular Phones
• Pagers
• PDAs, Portable Data Loggers
• Battery-Powered Devices
Device Selection Table
Package Type
General Description:
The
TC1221/TC1222
are
CMOS
“charge-pump”
voltage converters in ultra-small 6-Pin SOT-23A
packages. They invert and/or double an input voltage
which can range from +1.8V to +5.5V. Conversion
efficiency is typically 96%. Switching frequency is 125
kHz for the TC1221, 750 kHz for the TC1222. When the
shutdown pin is held at a logic low, the device goes into
a very low power mode of operation, consuming less
than 1
A of supply current.
For standard voltage inverter applications, the device
requires only two external capacitors. With a few
additional components a positive doubler can also be
built. All other circuitry, including control, oscillator,
power MOSFETs are integrated on-chip. Typical supply
currents are 290
A (TC1221) and 1800A (TC1222).
All devices are available in 6-pin SOT-23A surface
mount packages.
Functional Block Diagram
Part
Number
Package
Osc.
Freq.
(kHz)
Operating
Temp.
Range
TC1221ECH 6-Pin SOT-23A
125
-40°C to +85°C
TC1222ECH 6-Pin SOT-23A
750
-40°C to +85°C
C+
C–
TC1221ECH
TC1222ECH
12
3
54
VIN
SHDN
GND
6-Pin SOT-23A
NOTE: 6-Pin SOT-23A is equivalent to the EIAJ SC-74
OUT
6
TC1221
TC1222
VIN
V–
Output
C+
C–
C1
C2
Input
GND
OUT
SHDN
ON
OFF
+
+
Negative Voltage Inverter
High-Frequency Switched Capacitor Voltage Converters
with Shutdown in SOT Packages
Obsolete Device


Similar Part No. - TC1222ECH

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1222ECH MICROCHIP-TC1222ECH Datasheet
462Kb / 16P
High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1222ECH MICROCHIP-TC1222ECH Datasheet
469Kb / 16P
High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/01/02
More results

Similar Description - TC1222ECH

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1219 MICROCHIP-TC1219 Datasheet
482Kb / 16P
Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1221 MICROCHIP-TC1221 Datasheet
462Kb / 16P
High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
logo
Global Mixed-mode Techn...
G5930 GMT-G5930 Datasheet
311Kb / 8P
Switched Capacitor Voltage Inverter with Shutdown
G5931 GMT-G5931 Datasheet
174Kb / 7P
Switched-Capacitor Voltage Inverters with Shutdown
logo
ON Semiconductor
MAX1720 ONSEMI-MAX1720 Datasheet
182Kb / 18P
Switched Capacitor Voltage Inverter with Shutdown
December, 2005 ??Rev. 3
logo
Microchip Technology
TC1221ECHTR MICROCHIP-TC1221ECHTR Datasheet
469Kb / 16P
High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/01/02
logo
Analog Devices
ADM8828ART-REEL AD-ADM8828ART-REEL Datasheet
69Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8828ARTZ AD-ADM8828ARTZ Datasheet
69Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8829 AD-ADM8829_15 Datasheet
76Kb / 6P
Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Global Mixed-mode Techn...
G5930 GMT-G5930_15 Datasheet
65Kb / 1P
Switched Capacitor Voltage Inverter with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com