Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1222ECH Datasheet(PDF) 10 Page - Microchip Technology

Part # TC1222ECH
Description  High-Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1222ECH Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC1222ECH Datasheet HTML 6Page - Microchip Technology TC1222ECH Datasheet HTML 7Page - Microchip Technology TC1222ECH Datasheet HTML 8Page - Microchip Technology TC1222ECH Datasheet HTML 9Page - Microchip Technology TC1222ECH Datasheet HTML 10Page - Microchip Technology TC1222ECH Datasheet HTML 11Page - Microchip Technology TC1222ECH Datasheet HTML 12Page - Microchip Technology TC1222ECH Datasheet HTML 13Page - Microchip Technology TC1222ECH Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TC1221/TC1222
DS20001367C-page 10
 2002-2014 Microchip Technology Inc.
5.0
TYPICAL CHARACTERISTICS (CONTINUED)
TC1222 Supply Current vs. Supply Voltage
250
500
750
1000
1250
1500
1750
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
C1 = C2 = C3 = 0.22
μF,
RL =
∞, +25°C
TC1222 Output Resistance vs. Supply Voltage
35
40
45
50
55
60
65
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
C1 = C2 = C3 = 0.22
μF, +25°C
0
40
80
120
012
3
45
160
TC1222 Output Voltage Ripple
vs. Capacitance , C2
VIN = 5.0V
VIN = 3.3V
VIN = 3.3V, RL = 1K, +25°C
VIN = 5.0V, RL = 1K, +25°C
CAPACITANCE (
μF)
V
IN = 5.0V
TC1222 Output Voltage Droop
vs. Capacitance, C1 = C2
V
IN = 3.3V
100
150
200
250
300
350
400
450
500
01
23
4
5
CAPACITANCE (
μF)
VIN = 3.3V, RL = 1K, +25°C
VIN = 5.0V, RL = 1K, +25°C
500
550
600
650
700
750
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TC1222 Oscillator Frequency
vs. Supply Voltage
SUPPLY VOLTAGE (V)
C1 = C2 = C3 = 0.22
μF,
RL =
∞, +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com