Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD1730 Datasheet(PDF) 5 Page - Microchip Technology

Part # MD1730
Description  8-Channel Ultra-Low Phase Noise Continuous Waveform Transmitter with Beamformer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD1730 Datasheet(HTML) 5 Page - Microchip Technology

  MD1730 Datasheet HTML 1Page - Microchip Technology MD1730 Datasheet HTML 2Page - Microchip Technology MD1730 Datasheet HTML 3Page - Microchip Technology MD1730 Datasheet HTML 4Page - Microchip Technology MD1730 Datasheet HTML 5Page - Microchip Technology MD1730 Datasheet HTML 6Page - Microchip Technology MD1730 Datasheet HTML 7Page - Microchip Technology MD1730 Datasheet HTML 8Page - Microchip Technology MD1730 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005586B-page 5
MD1730
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Positive Logic Supply (VLL)........................................................................................................................ -0.5V to +3.0V
Positive Supply Voltage (VDD).................................................................................................................... -0.5V to +6.0V
Positive Supply Voltage (VGP).................................................................................................................. -0.5V to +13.5V
Negative Supply Voltage (VGN)................................................................................................................ +0.5V to -13.5V
CW Output Positive Supply Voltage (VCW+) ............................................................................................... -0.5V to +12V
CW Output Negative Supply Voltage (VCW-)............................................................................................... +0.5V to -12V
All Digital Inputs (VIN)................................................................................................................................. -0.5V to +3.0V
CW Outputs (VOUT)...................................................................................................................................... -12V to +12V
Operating Ambient Temperature ................................................................................................................. 0°C to +85°C
Maximum Junction Temperature ................................................................................................................. 0°C to +85°C
Storage Temperature ............................................................................................................................................ +125°C
Thermal Resistance Junction to Ambient (ƟJA, JESD51-5)..................................................................................25°C/W
Thermal Resistance Junction to Bottom Cu Pad (ƟJB, JESD51-5) ....................................................................6.4°C/W
Thermal Resistance Junction to Package Top (ƟJC, JESD51-5).......................................................................13.5°C/W
ESD Rating All Pins ............................................................................................................................................. ±1.0 kV
† Notice:
Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at those or any other conditions above those indicated in the
operational sections of this specification is not intended. Exposure to maximum rating conditions for extended periods
may affect device reliability.
TABLE 1-1:
INPUT/OUTPUT PIN DC CHARACTERISTICS
Electrical Specifications:
Unless otherwise indicated, VLL = +2.5V, VGP =+10V, VGN =-10V, VCW+ = +6.0V,
VCW- = -6.0V, VDD =+5V, TA =25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Operating Supply
Logic Supply Voltage
VLL
2.35
2.50
2.65
V
(VGP+|VCW-|) ≥ 10V
(VGN+|VCW+|) ≥ 10V
TA= 0 to +85°C, Note 2
VDD Supply Voltage
VDD
4.75
5.0
5.25
V
Positive Supply Voltage
VGP
8.0
10
12
V
Negative Supply Voltage
VGN
-12
-10
-8.0
V
CW Output Positive Supply
VCW+
1.0
—
6.0
V
CW Output Negative Supply
VCW-
-6.0
—
-1.0
V
VLL Quiescent Current
ILLQ
—
0.02
0.1
mA
EN = 0, fCLK =fSCK =0
All logic input no transit
VDD Quiescent Current
IDDQ
—
0.15
0.2
mA
VGP Quiescent Current
IGPQ
—1.0
2.0
µA
VGN Quiescent Current
IGNQ
—33
45
µA
VCW+ Quiescent Current
ICW+Q
—26
45
µA
VCW- Quiescent Current
ICW-Q
—6
10
µA
VLL Enabled Current
ILLEN
—
6.0
9.0
mA
EN = 1, fSCK =120 MHz
TXRW = 0, SDI = 0,
SDO no load.
VDD Enabled Current
IDDEN
—0.2
0.3
mA
VGP Enabled Current
IGPEN
—2.0
3.0
mA
VGN Enabled Current
IGNEN
—2.0
3.0
mA
VCW+ Enabled Current
ICW+EN
—2.0
3.0
mA
VCW- Enabled Current
ICW-EN
—2.0
3.0
mA
Note 1:
Characterized only; not 100% tested in production.
2:
Design Guidance Only (DGO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com