Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD1730 Datasheet(PDF) 8 Page - Microchip Technology

Part # MD1730
Description  8-Channel Ultra-Low Phase Noise Continuous Waveform Transmitter with Beamformer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD1730 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MD1730 Datasheet HTML 4Page - Microchip Technology MD1730 Datasheet HTML 5Page - Microchip Technology MD1730 Datasheet HTML 6Page - Microchip Technology MD1730 Datasheet HTML 7Page - Microchip Technology MD1730 Datasheet HTML 8Page - Microchip Technology MD1730 Datasheet HTML 9Page - Microchip Technology MD1730 Datasheet HTML 10Page - Microchip Technology MD1730 Datasheet HTML 11Page - Microchip Technology MD1730 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
MD1730
DS20005586B-page 8
 2016 Microchip Technology Inc.
Static Output Resistance PFET
RONCW
—7.5
12
Ω
RON at VCW± = ±5.0V,
ICW± = ±100 mA load,
Note 1
Static Output Resistance NFET
—
6.5
11
Change in RDS(ON) with
Temperature
∆RONCW
——
1.0
%/C
VCW± = ±5.0V, Note 2
CW Phase Resolution
REPhase
—1
—
CLK Note 2
CW Phase Noise
NPhase
—
-160
—
dBC/
Hz
CW 5 MHz,
1 kHz Offset, Note 1
Note 1:
Characterized only; not 100% tested in production.
2:
Design Guidance Only (DGO).
TABLE 1-4:
CW OUTPUTS DC/AC ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications:
Unless otherwise indicated, VLL = +2.5V, VGP = +10V, VGN =-10V, VCW+ = +6.0V,
VCW- = -6.0V, VDD =+5V, TA =25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
TABLE 1-5:
LVDS / SSTL CLOCK INPUTS AC / DC CHARACTERISTICS
Electrical Specifications:
Unless otherwise indicated, VLL = +2.5V, VGP = +10V, VGN =-10V, VCW+ = +6.0V,
VCW- = -6.0V, VDD =+5V, TA =25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
CLKP/CLKN Clock Frequency
fCLK
40
160
250
MHz Note 1
Clock Input Slew Rate
tCSR
1.0
—
—
V/ns Note 2
Control/Data Input Slew Rate
tDSR
1.0
—
—
V/ns
Single Ended Clock Input
SSTL Reference Voltage
VREFS
1.13
1.25
1.38
V
Note 1
DC Input Logic High
VIH(DC)
VREFS +0.15
—
VLL +0.3
V
Note 1
DC Input Logic Low
VIL(DC)
-0.3
—
VREFS -0.15
V
Note 1
AC Input Logic High
VIH(AC)
VREFS +0.31
—
—
V
VREF =0.5VLL, Slew
rate 1.0 V/ns, Note 1
AC Input Logic Low
VIL(AC)
-—
VREFS -0.31
V
Differential Clock Input
AC Differential Cross Point
VX(AC)
0.5VLL -0.2
—
0.5VLL+0.2
V
CLK and CLK, Note 1
DC Input Max Swing Voltage
VSWING(DC)
0.3
—
VLL +0.6
V
Note 1
AC Differential Input Voltage
VSWING(AC)
0.62
—
VLL +0.6
V
Note 1
DC Input Signal Voltage
VIN(DC)
-0.3
—
VLL +0.3
V
Note 1
CLKP/CLKN Slew Rate
SLEW
1.0
—
—
V/ns Note 2
Note 1:
Characterized only; not 100% tested in production.
2:
Design Guidance Only (DGO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com