Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD1730 Datasheet(PDF) 13 Page - Microchip Technology

Part # MD1730
Description  8-Channel Ultra-Low Phase Noise Continuous Waveform Transmitter with Beamformer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD1730 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MD1730 Datasheet HTML 9Page - Microchip Technology MD1730 Datasheet HTML 10Page - Microchip Technology MD1730 Datasheet HTML 11Page - Microchip Technology MD1730 Datasheet HTML 12Page - Microchip Technology MD1730 Datasheet HTML 13Page - Microchip Technology MD1730 Datasheet HTML 14Page - Microchip Technology MD1730 Datasheet HTML 15Page - Microchip Technology MD1730 Datasheet HTML 16Page - Microchip Technology MD1730 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005586B-page 13
MD1730
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
6x6 VQFN
Symbol
Pin Function
1
EN
Device Enable Input. When EN = 0, the SPI and the internal regulator are disabled. The
device is enabled when EN = 1. Note that the EN pin has no control over the clock
buffers, as the clock buffers have their dedicated enable pins.
2
CLKP
Positive Input of the Internal System Clock and is compatible with LVDS/SSTL. For
LVCMOS 2.5V input refer to Figure 4-8.
3
CLKN
Negative Input of the Internal System Clock and is compatible with LVDS/SSTL. For
LVCMOS 2.5V input refer to Figure 4-8.
4VLL
+2.5V Positive Voltage Power Supply, it requires a 1.0 µF decoupling capacitor to GND
5, 33
GND
Ground, 0V
6VDD
+5V Positive Voltage Power Supply, it requires a 1.0 µF decoupling capacitor to GND
7
SCK
Serial Peripheral Interface (SPI) clock input
8
CSN
Serial Peripheral Interface (SPI) chip-select. CSN is an active-low signal.
9
SDI
Serial Peripheral Interface (SPI) data input
10
SDO
Serial Peripheral Interface (SPI) data output
11, 35
CBE0-1
The clock buffer enable pin. When CBEn = 0, the corresponding clock buffer is
disabled. The clock buffer is enabled otherwise.
12, 34
CKB0-1
2.5V Single-ended Clock Buffer output pins
13
TXRW
CW Transmission Control pin. When TXRW = 0, the SPI is enabled for read/write.
When TXRW = 1, the SPI is disabled and the CW transmission is started.
14, 23
VGN
-10V Negative Voltage Power Supply, it requires a 2.2 µF capacitor to GND. The VGN
supply is also the substrate and should be the most negative supply to the chip.
15, 31
CNF
Negative Floating Supply Bypass Capacitor pin. Connects 1 µF/10V capacitor between
this pin and the VCW- pin.
16, 30
VCW-
-1V to -6V Negative Voltage Power Supply for the CW output, it requires a 1.0 µF
decoupling capacitor per pin to GND
17, 29
CPF
Positive Floating Supply Bypass Capacitor pin. Connects 1 µF/10V capacitor between
this pin and the VCW+ pin.
18, 28
VCW+
+1V to +6V Positive Voltage Power Supply for the CW output. It requires a 1.0 µF
decoupling capacitor per pin to GND.
19, 20, 21,
22, 24, 25,
26, 27
CW0-7
Channel 0-7 CW Waveform Output
32
VGP
+10V Positive Voltage Power Supply, it requires a 2.2 µF decoupling capacitor to GND
36
SPIB
SPI Broadcasting Mode pin. When SPIB = 1, the broadcast mode is enabled.
37
EP
Exposed Thermal Pad (EP); must be connected to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com