Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT0740 Datasheet(PDF) 3 Page - Microchip Technology

Part # HT0740
Description  High-Voltage Isolated MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HT0740 Datasheet(HTML) 3 Page - Microchip Technology

  HT0740 Datasheet HTML 1Page - Microchip Technology HT0740 Datasheet HTML 2Page - Microchip Technology HT0740 Datasheet HTML 3Page - Microchip Technology HT0740 Datasheet HTML 4Page - Microchip Technology HT0740 Datasheet HTML 5Page - Microchip Technology HT0740 Datasheet HTML 6Page - Microchip Technology HT0740 Datasheet HTML 7Page - Microchip Technology HT0740 Datasheet HTML 8Page - Microchip Technology HT0740 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
 2016 Microchip Technology Inc.
DS20005628A-page 3
HT0740
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
Input to Output Isolation Voltage, VISO................................................................................................................. ±400V
Logic Input Voltage, VIN ..............................................................................................................................–0.5V to +7V
Operating Ambient Temperature, TA ......................................................................................................–40°C to +85°C
Storage Temperature, TS ......................................................................................................................–55°C to +150°C
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only, and functional operation of the device at those or any other conditions above those
indicated in the operational sections of this specification is not intended. Exposure to maximum rating conditions for
extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Logic Input High Voltage
VIH
3.15
—
5.5
V
Logic Input Low Voltage
VIL
0
—
0.5
V
Operating Ambient
Temperature
TA
–40
—
+85
°C
DC ELECTRICAL CHARACTERISTICS
Electrical Specifications: TA = 25°C unless otherwise indicated.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Logic High Input Current
IH
—
—
500
µA
VIN = 5V
Logic Low Input Current
(Quiescent)
IL
—
—
10
µA
VIN = 0.5V
Output Voltage Across Output
Terminals
VOUT
4.5
—
—
V
VIN = 3.15V, no load
8.5
—
—
V
VIN = 4.5V, no load
Input Voltage for Zero Output
VIN
—
—
0.8
V
No load
Input to Output Isolation
Voltage
VISO
±400
—
—
V
AC ELECTRICAL CHARACTERISTICS
Electrical Specifications: TA = 25°C unless otherwise indicated.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Turn-on Delay Time
td(ON)
—
—
50
µs
See Figure 3-1 and Figure 3-2.
CL = 600 pF, TA = 25 °C
Rise Time
tr
—
—
650
µs
Turn-off Delay Time
td(OFF)
—
—
150
µs
Fall Time
tf
—
—
3
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com