Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT0740 Datasheet(PDF) 1 Page - Microchip Technology

Part # HT0740
Description  High-Voltage Isolated MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HT0740 Datasheet(HTML) 1 Page - Microchip Technology

  HT0740 Datasheet HTML 1Page - Microchip Technology HT0740 Datasheet HTML 2Page - Microchip Technology HT0740 Datasheet HTML 3Page - Microchip Technology HT0740 Datasheet HTML 4Page - Microchip Technology HT0740 Datasheet HTML 5Page - Microchip Technology HT0740 Datasheet HTML 6Page - Microchip Technology HT0740 Datasheet HTML 7Page - Microchip Technology HT0740 Datasheet HTML 8Page - Microchip Technology HT0740 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 2016 Microchip Technology Inc.
DS20005628A-page 1
HT0740
Features
• ±400V Input to Output Isolation
• Low Input Logic Current, 500 µA (Maximum)
• No External Voltage Supply Required
• Floating Isolated Output Drivers
• 5V Logic Compatible
Applications
• Telecommunications
• Modems
• Solid State Relays
• High-side Switches
• High-end Audio Switches
• Avionics
• Automatic Test Equipment
General Description
The HT0740 is a single-channel high-voltage low input
current isolated driver that uses the HVCMOS®
technology. It is designed to drive discrete MOSFETs
configured as high-side switches up to 400V. The
HT0740 generates an independent DC-isolated
voltage across +VOUT and –VOUT when the logic input
is at a logic high. The HT0740 does not require any
external power supplies. The internal supply voltage is
provided by the logic input when it is in high state.
Package Type
8-lead SOIC
(Top view)
VIN
NC
-VOUT
+VOUT
1
2
3
4
8
7
6
5
NC
GND
NC
NC
See Table 2-1 for pin information.
High-Voltage Isolated MOSFET Driver


Similar Part No. - HT0740

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HT0740 SUTEX-HT0740 Datasheet
72Kb / 3P
High Voltage Isolated MOSFET Driver
HT0740 SUTEX-HT0740 Datasheet
436Kb / 4P
High Voltage, Isolated MOSFET Driver
HT0740LG SUTEX-HT0740LG Datasheet
72Kb / 3P
High Voltage Isolated MOSFET Driver
HT0740LG SUTEX-HT0740LG Datasheet
436Kb / 4P
High Voltage, Isolated MOSFET Driver
HT0740LG-G SUTEX-HT0740LG-G Datasheet
436Kb / 4P
High Voltage, Isolated MOSFET Driver
More results

Similar Description - HT0740

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HT0440 SUTEX-HT0440 Datasheet
84Kb / 4P
Dual High Voltage Isolated MOSFET Driver
HT0740 SUTEX-HT0740 Datasheet
72Kb / 3P
High Voltage Isolated MOSFET Driver
logo
Teledyne Technologies I...
TC4803 TELEDYNE-TC4803 Datasheet
359Kb / 5P
1.4A HIGH - SPEED OPTO-ISOLATED POWER MOSFET DRIVER
logo
Supertex, Inc
HT0740 SUTEX-HT0740_07 Datasheet
436Kb / 4P
High Voltage, Isolated MOSFET Driver
HT0740 SUTEX-HT0740_13 Datasheet
657Kb / 4P
High Voltage, Isolated MOSFET Driver
HT0440 SUTEX-HT0440_13 Datasheet
843Kb / 6P
Dual, High Voltage, Isolated MOSFET Driver
logo
ON Semiconductor
NCX57090Y ONSEMI-NCX57090Y Datasheet
1Mb / 25P
Isolated High Current IGBT/MOSFET Gate Driver
April, 2021 ??Rev. 0
logo
Analog Devices
ADUM4138 AD-ADUM4138 Datasheet
579Kb / 24P
High Voltage, Isolated IGBT Gate Driver with Isolated Flyback Controller
8/2019-Rev. 0 to Rev. A
logo
ON Semiconductor
NCX57090Y ONSEMI-NCX57090Y_V01 Datasheet
1Mb / 25P
Isolated High Current IGBT/MOSFET Gate Driver
July, 2022 - Rev. 3
NCX57080Y ONSEMI-NCX57080Y Datasheet
1Mb / 24P
Isolated High Current IGBT/MOSFET Gate Driver
June, 2022 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com