Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT0740 Datasheet(PDF) 6 Page - Microchip Technology

Part # HT0740
Description  High-Voltage Isolated MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HT0740 Datasheet(HTML) 6 Page - Microchip Technology

Back Button HT0740 Datasheet HTML 2Page - Microchip Technology HT0740 Datasheet HTML 3Page - Microchip Technology HT0740 Datasheet HTML 4Page - Microchip Technology HT0740 Datasheet HTML 5Page - Microchip Technology HT0740 Datasheet HTML 6Page - Microchip Technology HT0740 Datasheet HTML 7Page - Microchip Technology HT0740 Datasheet HTML 8Page - Microchip Technology HT0740 Datasheet HTML 9Page - Microchip Technology HT0740 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HT0740
DS20005628A-page 6
 2016 Microchip Technology Inc.
3.0
FUNCTIONAL DESCRIPTION
90%
10%
50%
50%
90%
10%
4.5V
0V
VOUT
td(ON) tr
td(OFF) tf
VIN
FIGURE 3-1:
Timing Waveforms.
HT0740
1
7
VIN
GND
+
VOUT
-
C
L = 600pF
4
3
V
OUT
4.5V
0V
FIGURE 3-2:
Test Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com